Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7N60L-TQ2-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 7N60L-TQ2-R
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

7N60L-TQ2-R Datasheet(HTML) 4 Page - Unisonic Technologies

  7N60L-TQ2-R Datasheet HTML 1Page - Unisonic Technologies 7N60L-TQ2-R Datasheet HTML 2Page - Unisonic Technologies 7N60L-TQ2-R Datasheet HTML 3Page - Unisonic Technologies 7N60L-TQ2-R Datasheet HTML 4Page - Unisonic Technologies 7N60L-TQ2-R Datasheet HTML 5Page - Unisonic Technologies 7N60L-TQ2-R Datasheet HTML 6Page - Unisonic Technologies 7N60L-TQ2-R Datasheet HTML 7Page - Unisonic Technologies 7N60L-TQ2-R Datasheet HTML 8Page - Unisonic Technologies 7N60L-TQ2-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
7N60
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 9
www.unisonic.com.tw
QW- R502-076.O
ELECTRICAL CHARACTERISTICS (TC =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS = 0V, ID = 250μA
600
V
Drain-Source Leakage Current
IDSS
VDS = 600V, VGS = 0V
1
μA
Gate- Source Leakage Current
Forward
IGSS
VGS = 30V, VDS = 0V
100
nA
Reverse
VGS = -30V, VDS = 0V
-100
nA
Breakdown Voltage Temperature Coefficient △BVDSS/△TJ ID=250μA,Referenced to 25°C
0.67
V/°C
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS = VGS, ID = 250μA
2.0
4.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS = 10V, ID = 3.7A
0.83
1.0
Ω
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
VDS=25V, VGS=0V,
f=1.0 MHz
1200 1400 pF
Output Capacitance
COSS
125
155
pF
Reverse Transfer Capacitance
CRSS
40
50
pF
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
VDD =300V, ID =7.4A,
RG =25Ω (Note 1, 2)
65
95
ns
Turn-On Rise Time
tR
180
210
ns
Turn-Off Delay Time
tD(OFF)
320
360
ns
Turn-Off Fall Time
tF
220
260
ns
SWITCHING CHARACTERISTICS
Total Gate Charge
QG
VDS=480V, ID=7.4A,
VGS=10V (Note 1, 2)
210
230
nC
Gate-Source Charge
QGS
11
nC
Gate-Drain Charge
QGD
38
nC
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
Drain-Source Diode Forward Voltage
VSD
VGS = 0V, IS = 7.4 A
1.4
V
Maximum Continuous Drain-Source Diode
Forward Current
IS
7.4
A
Maximum Pulsed Drain-Source Diode
Forward Current
ISM
29.6
A
Reverse Recovery Time
trr
VGS = 0V, IS = 7.4 A,
dIF / dt = 100A/μs (Note 1)
320
ns
Reverse Recovery Charge
QRR
2.4
μC
Notes: 1. Pulse Test: Pulse width ≤ 300μs, Duty cycle≤2%.
2. Essentially independent of operating temperature.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com