Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7N60L-TQ2-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # 7N60L-TQ2-R
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

7N60L-TQ2-R Datasheet(HTML) 7 Page - Unisonic Technologies

  7N60L-TQ2-R Datasheet HTML 1Page - Unisonic Technologies 7N60L-TQ2-R Datasheet HTML 2Page - Unisonic Technologies 7N60L-TQ2-R Datasheet HTML 3Page - Unisonic Technologies 7N60L-TQ2-R Datasheet HTML 4Page - Unisonic Technologies 7N60L-TQ2-R Datasheet HTML 5Page - Unisonic Technologies 7N60L-TQ2-R Datasheet HTML 6Page - Unisonic Technologies 7N60L-TQ2-R Datasheet HTML 7Page - Unisonic Technologies 7N60L-TQ2-R Datasheet HTML 8Page - Unisonic Technologies 7N60L-TQ2-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7N60
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
7 of 9
www.unisonic.com.tw
QW-R502-076. O
TYPICAL CHARACTERISTICS
10
1
10
0.1
1
Drain-to-Source Voltage, VDS (V)
On-State Characteristics
0.1
2
Gate-Source Voltage, VGS (V)
Transfer Characteristics
46
8
10
10
1
0.1
VGS
Top: 15.0V
10.0V
8.0V
7.0V
6.5V
6.0V
Bottorm:5.5V
Notes:
1. 250µs Pulse Test
2. TC=25°C
Notes:
1. VDS=50V
2. 250µs Pulse Test
0
0
Drain Current, ID (A)
24
1
2
4
5
6
On-Resistance Variation vs.
Drain Current and Gate Voltage
3
6
8
10
12
1
0.1
Source-Drain Voltage, VSD (V)
On State Current vs.
Allowable Case Temperature
0.6
10
Note: TJ=25°C
Notes:
1. VGS=0V
2. 250µs Test
VGS=20V
VGS=10V
0.2
0.4
0.8
1.0
1.2
1.4
1.6



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com