Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C58B-04/P Datasheet(PDF) 33 Page - Microchip Technology

Part # PIC16C58B-04/P
Description  ROM-Based 8-Bit CMOS Microcontroller Series
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C58B-04/P Datasheet(HTML) 33 Page - Microchip Technology

Back Button PIC16C58B-04/P Datasheet HTML 29Page - Microchip Technology PIC16C58B-04/P Datasheet HTML 30Page - Microchip Technology PIC16C58B-04/P Datasheet HTML 31Page - Microchip Technology PIC16C58B-04/P Datasheet HTML 32Page - Microchip Technology PIC16C58B-04/P Datasheet HTML 33Page - Microchip Technology PIC16C58B-04/P Datasheet HTML 34Page - Microchip Technology PIC16C58B-04/P Datasheet HTML 35Page - Microchip Technology PIC16C58B-04/P Datasheet HTML 36Page - Microchip Technology PIC16C58B-04/P Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 84 page
background image
PIC16CR54C
DS40191A-page 33
Preliminary
© 1998 Microchip Technology Inc.
FIGURE 7-12: WATCHDOG TIMER BLOCK DIAGRAM
TABLE 7-5:
SUMMARY OF REGISTERS ASSOCIATED WITH THE WATCHDOG TIMER
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
Power-On
Reset
Value on
MCLR and
WDT Reset
N/A
OPTION
—
—
T0CS
T0SE
PSA
PS2
PS1
PS0
--11 1111
--11 1111
Legend: Shaded boxes = Not used by Watchdog Timer,
–
= unimplemented, read as '0', u = unchanged
1
0
1
0
From TMR0 Clock Source
To TMR0
Postscaler
WDT Enable
EPROM Bit
PSA
WDT
Time-out
PS2:PS0
PSA
MUX
8 - to - 1 MUX
Postscaler
M
U
X
Watchdog
Timer
Note: T0CS, T0SE, PSA, PS2:PS0
are bits in the OPTION register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com