Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C58B-04/P Datasheet(PDF) 7 Page - Microchip Technology

Part # PIC16C58B-04/P
Description  ROM-Based 8-Bit CMOS Microcontroller Series
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C58B-04/P Datasheet(HTML) 7 Page - Microchip Technology

Back Button PIC16C58B-04/P Datasheet HTML 3Page - Microchip Technology PIC16C58B-04/P Datasheet HTML 4Page - Microchip Technology PIC16C58B-04/P Datasheet HTML 5Page - Microchip Technology PIC16C58B-04/P Datasheet HTML 6Page - Microchip Technology PIC16C58B-04/P Datasheet HTML 7Page - Microchip Technology PIC16C58B-04/P Datasheet HTML 8Page - Microchip Technology PIC16C58B-04/P Datasheet HTML 9Page - Microchip Technology PIC16C58B-04/P Datasheet HTML 10Page - Microchip Technology PIC16C58B-04/P Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 84 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS40191A-page 7
PIC16CR54C
2.0
PIC16C5X DEVICE VARIETIES
A variety of frequency ranges and packaging options
are
available.
Depending
on
application
and
production requirements, the proper device option can
be selected using the information in this section. When
placing orders, please use the PIC16CR54C Product
Identification System at the back of this data sheet to
specify the correct part number.
For the PIC16C5X family of devices, there are four
device types, as indicated in the device number:
1.
C, as in PIC16C54. These devices have
EPROM program memory and operate over the
standard voltage range.
2.
LC, as in PIC16LC54A. These devices have
EPROM program memory and operate over an
extended voltage range.
3.
LV, as in PIC16LV54A. These devices have
EPROM program memory and operate over a
2.0V to 3.8V range.
4.
CR, as in PIC16CR54A. These devices have
ROM program memory and operate over the
standard voltage range.
5.
LCR, as in PIC16LCR54B. These devices have
ROM program memory and operate over an
extended voltage range.
2.1
UV Erasable Devices (EPROM)
The UV erasable versions, offered in CERDIP
packages, are optimal for prototype development and
pilot programs
UV erasable devices can be programmed for any of
the
four
oscillator
configurations.
Microchip's
PICSTART® and PRO MATE® programmers both
support programming of the PIC16CR54C. Third party
programmers also are available; refer to the Third
Party Guide for a list of sources.
2.2
One-Time-Programmable (OTP)
Devices
The availability of OTP devices is especially useful for
customers expecting frequent code changes and
updates.
The OTP devices, packaged in plastic packages,
permit the user to program them once. In addition to
the program memory, the configuration bits must be
programmed.
2.3
Quick-Turnaround-Production (QTP)
Devices
Microchip offers a QTP Programming Service for
factory production orders. This service is made
available for users who choose not to program a
medium to high quantity of units and whose code
patterns have stabilized. The devices are identical to
the OTP devices but with all EPROM locations and
configuration bit options already programmed by the
factory. Certain
code
and
prototype
verification
procedures apply before production shipments are
available. Please contact your Microchip Technology
sales office for more details.
2.4
Serialized
Quick-Turnaround-Production
(SQTP
) Devices
Microchip offers the unique programming service
where a few user-defined locations in each device are
programmed with different serial numbers. The serial
numbers
may
be
random,
pseudo-random
or
sequential.
The devices are identical to the OTP
devices
but
with
all
EPROM
locations
and
configuration bit options already programmed by the
factory.
Serial programming allows each device to have a
unique number which can serve as an entry code,
password or ID number.
2.5
Read Only Memory (ROM) Devices
Microchip offers masked ROM versions of several of
the highest volume parts, giving the customer a low
cost option for high volume, mature products.
SM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com