Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS10AX Datasheet(PDF) 1 Page - JL World Company Limited.

Part # HCS10AX
Description  Value Applying Rated Voltage
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JLWORLD [JL World Company Limited.]
Direct Link  http://www.jlworld.com
Logo JLWORLD - JL World Company Limited.

HCS10AX Datasheet(HTML) 1 Page - JL World Company Limited.

  HCS10AX Datasheet HTML 1Page - JL World Company Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specification (all data taken at 25°C unless otherwise specified)
Model
HCS1003AX
HCS1005AX
Operating
Temperature
(°C)
-30 ~ +85
-30 ~ +85
*Sound Pressure
Level at 10cm
(dB)
≥85
≥85
Rated
Voltage
(VDC)
3
5
Operating
Voltage
(VDC)
2 ~ 5
4 ~ 7
*Rated
Current
(mA)
≤30
≤30
Generated
Frequency
(Hz)
2700±300
2700±300
Storage
Temperature
(°C)
-40 ~ +90
-40 ~ +90
*Value Applying Rated Voltage, DC.
www.jlworld.com
Dimensions
Unit : mm
Tolerance : ±0.3mm
Characteristics Response
Measuring Temperature : 25°C
Measuring Distance : 10cm
HCS10AX
Series
Electro-Magnetic Sound Generators


Similar Part No. - HCS10AX

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
HCS1003M JLWORLD-HCS1003M Datasheet
713Kb / 1P
Value Applying Rated Voltage
logo
Microchip Technology
HCS101 MICROCHIP-HCS101 Datasheet
314Kb / 20P
Fixed Code Encoder
1999-2013
logo
Intersil Corporation
HCS109D INTERSIL-HCS109D Datasheet
171Kb / 9P
Radiation Hardened Dual JK Flip Flop
September 1995
logo
Renesas Technology Corp
HCS109D RENESAS-HCS109D Datasheet
403Kb / 9P
Radiation Hardened Dual JK Flip Flop
September 1995
logo
Intersil Corporation
HCS109DMSR INTERSIL-HCS109DMSR Datasheet
171Kb / 9P
Radiation Hardened Dual JK Flip Flop
September 1995
More results

Similar Description - HCS10AX

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
HC09C JLWORLD-HC09C Datasheet
486Kb / 1P
Value applying Rated Voltage
HC09E JLWORLD-HC09E Datasheet
423Kb / 1P
Value applying Rated Voltage
HC09F JLWORLD-HC09F Datasheet
398Kb / 1P
Value applying Rated Voltage
HC12A JLWORLD-HC12A Datasheet
239Kb / 1P
Value applying Rated Voltage
HCM09AX JLWORLD-HCM09AX Datasheet
1,015Kb / 1P
Value applying Rated Voltage
HCM26AX JLWORLD-HCM26AX Datasheet
88Kb / 1P
Value applying Rated Voltage
HCS09AC JLWORLD-HCS09AC Datasheet
1Mb / 1P
Value applying Rated Voltage
HCS12AX JLWORLD-HCS12AX Datasheet
70Kb / 1P
Value Applying Rated Voltage
HC09B JLWORLD-HC09B Datasheet
470Kb / 1P
value applying rated voltage
HC12G-105 JLWORLD-HC12G-105 Datasheet
582Kb / 1P
value applying rated voltage
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com