Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE1618 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE1618
Description  500 MHz to 2.5 GHz N Bias Tee Rated
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE1618 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE1618 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE1618 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
TECHNICAL DATA SHEET
Outline Drawing
500 MHz to 2.5 GHz N Bias Tee Rated To 7000 mA And 100 Volts DC from Pasternack Enterprises has same day shipment
for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability and are
part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 500 MHz to 2.5 GHz N Bias Tee Rated To 7000 mA And 100 Volts DC PE1618
URL: http://www.pasternack.com/250-mhz-2.5-ghz-n-bias-tee-7000-ma-100-volts-dc-pe1618-p.aspx
PE1618
PE1618 REV 1.1
500 MHz to 2.5 GHz N Bias Tee Rated
To 7000 mA And 100 Volts DC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com