Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE1618 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE1618
Description  500 MHz to 2.5 GHz N Bias Tee Rated
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE1618 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE1618 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE1618 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Configuration
RF Port Connector
N Female
RF Port Connector Impedance
50 Ohms
DC/RF Port Connector
N Female
DC/RF Port Connector Impedance
50 Ohms
DC Port Connector
Solder Pin
Electrical Specifications (Values at 25°C, sea level)
Description
Minimum
Typical
Maximum
Units
Frequency Range
500
2.5
MHz
RF Port VSWR
1.4
RF to Bias Isolation
20
dB
RF Input Power
50
Watts
DC Voltage
100
Volts
DC Current
7,000
mA
.
Mechanical Specifications
Temperature
Operating Range
-55 to +105 deg C
Storage Range
-60 to +90 deg C
Size
Length
2.33 in [59.18 mm]
Width/Dia.
0.713 in [18.11 mm]
Height
1.575 in [[40.01 mm]]
.
Connectors
Description
RF Port Connector
RF/DC Port Connector
DC Port Connector
Type
N Female
N Female
Solder Pin
.
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Plotted and Other Data
Notes:
• Values at 25 °C, sea level
• Bias path resistence: .010 Ohm Max
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 500 MHz to 2.5 GHz N Bias Tee Rated To 7000 mA And 100 Volts DC PE1618
PE1618
PE1618 REV 1.1
500 MHz to 2.5 GHz N Bias Tee Rated
To 7000 mA And 100 Volts DC


Similar Part No. - PE1618

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1610 PASTERNACK-PE1610 Datasheet
242Kb / 3P
0.1 MHz to 50 GHz 2.4mm Bias Tee Rated
PE1611 PASTERNACK-PE1611 Datasheet
223Kb / 3P
10 MHz to 2.5 GHz SMA Bias Tee Rated
PE1612 PASTERNACK-PE1612 Datasheet
225Kb / 3P
10 MHz to 2.5 GHz N Bias Tee Rated
PE1613 PASTERNACK-PE1613 Datasheet
218Kb / 3P
10 MHz to 4 GHz SMA Bias Tee Rated
PE1614 PASTERNACK-PE1614 Datasheet
348Kb / 2P
30 MHz to 4 GHz N Bias Tee Rated To 2500 mA And 100 Volts DC
More results

Similar Description - PE1618

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZNBT-60-1W MINI-ZNBT-60-1W Datasheet
38Kb / 1P
Bias-Tee Wideband, 2.5 to 6000 MHz
logo
Pasternack Enterprises,...
PE1604 PASTERNACK-PE1604 Datasheet
218Kb / 3P
100 MHz to 6 GHz SMA Bias Tee Rated To 500 mA And 50 Volts DC
PE1607 PASTERNACK-PE1607 Datasheet
252Kb / 3P
0.1 MHz to 18 GHz SMA Bias Tee Rated
PE1610 PASTERNACK-PE1610 Datasheet
242Kb / 3P
0.1 MHz to 50 GHz 2.4mm Bias Tee Rated
PE1611 PASTERNACK-PE1611 Datasheet
223Kb / 3P
10 MHz to 2.5 GHz SMA Bias Tee Rated
PE1612 PASTERNACK-PE1612 Datasheet
225Kb / 3P
10 MHz to 2.5 GHz N Bias Tee Rated
PE1613 PASTERNACK-PE1613 Datasheet
218Kb / 3P
10 MHz to 4 GHz SMA Bias Tee Rated
PE1615 PASTERNACK-PE1615 Datasheet
226Kb / 3P
10 MHz to 6 GHz SMA Bias Tee Rated
PE1617 PASTERNACK-PE1617 Datasheet
216Kb / 3P
250 MHz to 2.5 GHz SMA Bias Tee Rated
PE1620 PASTERNACK-PE1620 Datasheet
213Kb / 3P
0.03 MHz to 85 GHz 1.85mm Bias Tee Rated To 500 mA And 25 Volts DC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com