Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPB240N03S4L-R9 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IPB240N03S4L-R9
Description  N-channel - Enhancement mode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPB240N03S4L-R9 Datasheet(HTML) 1 Page - Infineon Technologies AG

  IPB240N03S4L-R9 Datasheet HTML 1Page - Infineon Technologies AG IPB240N03S4L-R9 Datasheet HTML 2Page - Infineon Technologies AG IPB240N03S4L-R9 Datasheet HTML 3Page - Infineon Technologies AG IPB240N03S4L-R9 Datasheet HTML 4Page - Infineon Technologies AG IPB240N03S4L-R9 Datasheet HTML 5Page - Infineon Technologies AG IPB240N03S4L-R9 Datasheet HTML 6Page - Infineon Technologies AG IPB240N03S4L-R9 Datasheet HTML 7Page - Infineon Technologies AG IPB240N03S4L-R9 Datasheet HTML 8Page - Infineon Technologies AG IPB240N03S4L-R9 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
IPB240N03S4L-R9
OptiMOS™-T Power-Transistor
Features
• N-channel - Enhancement mode
• AEC qualified
• MSL1 up to 260°C peak reflow
• 175°C operating temperature
• Green package (RoHS compliant)
• Ultra low Rds(on)
• 100% Avalanche tested
Maximum ratings, at T j=25 °C, unless otherwise specified
Parameter
Symbol
Conditions
Unit
Continuous drain current
I D
T C=25°C, V GS=10V
1)
240
A
T C=100 °C,
V GS=10 V
2)
240
Pulsed drain current
2)
I D,pulse
T C=25 °C
960
Avalanche energy, single pulse
E AS
I D=120 A
750
mJ
Avalanche current, single pulse
I AS
-
190
A
Gate source voltage
V GS
±16
V
Power dissipation
P tot
T C=25 °C
231
W
Operating and storage temperature
T j, T stg
-55 ... +175
°C
IEC climatic category; DIN IEC 68-1
55/175/56
Value
V DS
30
V
R DS(on)
0.92
m
W
I D
240
A
Product Summary
PG-TO263-7-3
Type
Package
Marking
IPB240N03S4L-R9
PG-TO263-7-3
4N03LR9
Rev. 1.1
page 1
2014-04-28


Similar Part No. - IPB240N03S4L-R9

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB240N03S4L-R8 INFINEON-IPB240N03S4L-R8 Datasheet
199Kb / 9P
N-channel - Enhancement mode
Rev. 1.1 2014-04-07
More results

Similar Description - IPB240N03S4L-R9

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
IRF830 TRSYS-IRF830 Datasheet
282Kb / 3P
N-CHANNEL ENHANCEMENT MODE
logo
Advanced Power Technolo...
ARF446 ADPOW-ARF446 Datasheet
61Kb / 4P
N-CHANNEL ENHANCEMENT MODE
ARF450 ADPOW-ARF450 Datasheet
178Kb / 4P
N-CHANNEL ENHANCEMENT MODE
logo
List of Unclassifed Man...
P2503NVG ETC1-P2503NVG Datasheet
594Kb / 8P
N P-Channel Enhancement Mode Enhancement Mode
logo
Guangdong Kexin Industr...
KO3414 KEXIN-KO3414 Datasheet
53Kb / 2P
N-Channel Enhancement Mode
logo
IXYS Corporation
IXTH60N20L2 IXYS-IXTH60N20L2 Datasheet
155Kb / 5P
N-Channel Enhancement Mode
IXTH220N075T IXYS-IXTH220N075T Datasheet
190Kb / 5P
N-Channel Enhancement Mode
IXTR62N15P IXYS-IXTR62N15P Datasheet
212Kb / 2P
N-Channel Enhancement Mode
logo
New Jersey Semi-Conduct...
VN0104N2 NJSEMI-VN0104N2 Datasheet
68Kb / 1P
N-Channel Enhancement-Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com