Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPB240N03S4L-R9 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IPB240N03S4L-R9
Description  N-channel - Enhancement mode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPB240N03S4L-R9 Datasheet(HTML) 2 Page - Infineon Technologies AG

  IPB240N03S4L-R9 Datasheet HTML 1Page - Infineon Technologies AG IPB240N03S4L-R9 Datasheet HTML 2Page - Infineon Technologies AG IPB240N03S4L-R9 Datasheet HTML 3Page - Infineon Technologies AG IPB240N03S4L-R9 Datasheet HTML 4Page - Infineon Technologies AG IPB240N03S4L-R9 Datasheet HTML 5Page - Infineon Technologies AG IPB240N03S4L-R9 Datasheet HTML 6Page - Infineon Technologies AG IPB240N03S4L-R9 Datasheet HTML 7Page - Infineon Technologies AG IPB240N03S4L-R9 Datasheet HTML 8Page - Infineon Technologies AG IPB240N03S4L-R9 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IPB240N03S4L-R9
Parameter
Symbol
Conditions
Unit
min.
typ.
max.
Thermal characteristics
2)
Thermal resistance, junction - case
R thJC
-
-
-
0.65
K/W
SMD version, device on PCB
R thJA
minimal footprint
-
-
62
6 cm
2 cooling area3)
-
-
40
Electrical characteristics, at T j=25 °C, unless otherwise specified
Static characteristics
Drain-source breakdown voltage
V (BR)DSS V GS=0 V, I D= 1 mA
30
-
-
V
Gate threshold voltage
V GS(th)
V DS=V GS, I D=180 µA
1
1.5
2.2
Zero gate voltage drain current
I DSS
V DS=30 V, V GS=0 V,
T j=25 °C
-
0.05
1
µA
V DS=18 V, V GS=0 V,
T j=85 °C
2)
-
10
120
Gate-source leakage current
I GSS
V GS=16 V, V DS=0 V
-
-
100
nA
Drain-source on-state resistance
R DS(on)
V GS=4.5 V, I D=100 A
-
0.94
1.45
m
W
Drain-source on-state resistance
RDS(on)
V GS=10 V, I D=100 A
-
0.72
0.92
Values
Rev. 1.1
page 2
2014-04-28



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com