Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10N65L-TQ2-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 10N65L-TQ2-R
Description  N-CHANNEL MOSFET ARRAY FOR SWITCHING
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

10N65L-TQ2-R Datasheet(HTML) 4 Page - Unisonic Technologies

  10N65L-TQ2-R Datasheet HTML 1Page - Unisonic Technologies 10N65L-TQ2-R Datasheet HTML 2Page - Unisonic Technologies 10N65L-TQ2-R Datasheet HTML 3Page - Unisonic Technologies 10N65L-TQ2-R Datasheet HTML 4Page - Unisonic Technologies 10N65L-TQ2-R Datasheet HTML 5Page - Unisonic Technologies 10N65L-TQ2-R Datasheet HTML 6Page - Unisonic Technologies 10N65L-TQ2-R Datasheet HTML 7Page - Unisonic Technologies 10N65L-TQ2-R Datasheet HTML 8Page - Unisonic Technologies 10N65L-TQ2-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
10N65
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 9
www.unisonic.com.tw
QW-R502-588.G
ELECTRICAL CHARACTERISTICS( TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID= 250μA
650
V
Drain-Source Leakage Current
IDSS
VDS=650V, VGS=0V
1
µA
Gate-Source Leakage Current
Forward
IGSS
VGS=30V, VDS=0V
100
nA
Reverse
VGS=-30V, VDS=0V
-100
nA
Breakdown Voltage Temperature Coefficient ∆BVDSS/∆TJ ID=250 µA, Referenced to 25°C
0.7
V/°C
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250μA
2.0
4.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=4.75A
0.72 0.86
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
VDS=25V, VGS=0V, f=1.0 MHz
1570 2040 pF
Output Capacitance
COSS
166
215
pF
Reverse Transfer Capacitance
CRSS
18
24
pF
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
VDD=325V, ID=10A, RG=25Ω
(Note1, 2)
23
55
ns
Turn-On Rise Time
tR
69
150
ns
Turn-Off Delay Time
tD(OFF)
144
300
ns
Turn-Off Fall Time
tF
77
165
ns
Total Gate Charge
QG
VDS=520V, ID=10A, VGS=10V
(Note1, 2)
44
57
nC
Gate-Source Charge
QGS
6.7
nC
Gate-Drain Charge
QGD
18.5
nC
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
Drain-Source Diode Forward Voltage
VSD
VGS=0V, IS=10A
1.4
V
Maximum Continuous Drain-Source Diode
Forward Current
IS
10
A
Maximum Pulsed Drain-Source Diode
Forward Current
ISM
38
A
Reverse Recovery Time
trr
VGS=0V, IS=10A,
dIF/dt=100A/µs (Note1)
420
ns
Reverse Recovery Charge
QRR
4.2
µC
Notes: 1. Pulse Test : Pulse width ≤300µs, Duty cycle ≤2%
2. Essentially independent of operating temperature



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com