Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10N65L-TQ2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 10N65L-TQ2-R
Description  N-CHANNEL MOSFET ARRAY FOR SWITCHING
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

10N65L-TQ2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  10N65L-TQ2-R Datasheet HTML 1Page - Unisonic Technologies 10N65L-TQ2-R Datasheet HTML 2Page - Unisonic Technologies 10N65L-TQ2-R Datasheet HTML 3Page - Unisonic Technologies 10N65L-TQ2-R Datasheet HTML 4Page - Unisonic Technologies 10N65L-TQ2-R Datasheet HTML 5Page - Unisonic Technologies 10N65L-TQ2-R Datasheet HTML 6Page - Unisonic Technologies 10N65L-TQ2-R Datasheet HTML 7Page - Unisonic Technologies 10N65L-TQ2-R Datasheet HTML 8Page - Unisonic Technologies 10N65L-TQ2-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
10N65
Power MOSFET
www.unisonic.com.tw
1 of 7
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R502-588.G
10A, 650V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 10N65 is a high voltage and high current power
MOSFET, designed to have better characteristics, such as fast
switching time, low gate charge, low on-state resistance and a high
rugged avalanche characteristics. This power MOSFET is usually
used at high speed switching applications in power supplies, PWM
motor controls, high efficient DC to DC converters and bridge
circuits.
FEATURES
* RDS(ON) < 0.86Ω@VGS =10V
* Low gate charge ( typical 44 nC)
* Low Crss ( typical 18 pF)
* Fast switching
* 100% avalanche tested
* Improved dv/dt capability
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
10N65L-TA3-T
10N65G-TA3-T
TO-220
G
D
S
Tube
10N65L-TF1-T
10N65G-TF1-T
TO-220F1
G
D
S
Tube
10N65L-TF2-T
10N65G-TF2-T
TO-220F2
G
D
S
Tube
10N65L-TF3-T
10N65G-TF3-T
TO-220F
G
D
S
Tube
10N65L-T2Q-T
10N65G-T2Q-T
TO-262
G
D
S
Tube
10N65L-TQ2-T
10N65G-TQ2-T
TO-263
G
D
S
Tube
10N65L-TQ2-R
10N65G-TQ2-R
TO-263
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate D: Drain S: Source


Similar Part No. - 10N65L-TQ2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
10N65L-TQ2-R UTC-10N65L-TQ2-R Datasheet
341Kb / 8P
10A, 650V N-CHANNEL POWER MOSFET
More results

Similar Description - 10N65L-TQ2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UP672 UTC-UP672 Datasheet
162Kb / 4P
N-CHANNEL MOSFET ARRAY FOR SWITCHING
1N40 UTC-1N40_15 Datasheet
173Kb / 4P
N-CHANNEL MOSFET ARRAY FOR SWITCHING
6N40 UTC-6N40_15 Datasheet
189Kb / 6P
N-CHANNEL MOSFET ARRAY FOR SWITCHING
10N15 UTC-10N15_15 Datasheet
221Kb / 4P
N-CHANNEL MOSFET ARRAY FOR SWITCHING
UF830 UTC-UF830_15 Datasheet
321Kb / 9P
N-CHANNEL MOSFET ARRAY FOR SWITCHING
UF3205 UTC-UF3205_15 Datasheet
206Kb / 6P
N-CHANNEL MOSFET ARRAY FOR SWITCHING
2N70Z UTC-2N70Z_15 Datasheet
260Kb / 6P
N-CHANNEL MOSFET ARRAY FOR SWITCHING
10N70 UTC-10N70_15 Datasheet
243Kb / 7P
N-CHANNEL MOSFET ARRAY FOR SWITCHING
UF2N30Z UTC-UF2N30Z_15 Datasheet
208Kb / 3P
N-CHANNEL MOSFET ARRAY FOR SWITCHING
UT100N03 UTC-UT100N03_15 Datasheet
364Kb / 8P
N-CHANNEL MOSFET ARRAY FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com