Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT60N03G-TND-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UT60N03G-TND-R
Description  N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT60N03G-TND-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UT60N03G-TND-R Datasheet HTML 1Page - Unisonic Technologies UT60N03G-TND-R Datasheet HTML 2Page - Unisonic Technologies UT60N03G-TND-R Datasheet HTML 3Page - Unisonic Technologies UT60N03G-TND-R Datasheet HTML 4Page - Unisonic Technologies UT60N03G-TND-R Datasheet HTML 5Page - Unisonic Technologies UT60N03G-TND-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
UT60N03
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-237.D
ELECTRICAL CHARACTERISTICS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS VGS=0V, ID=250µA
30
V
Drain-Source Leakage Current
IDSS
VDS=25V, VGS=0V
1
µA
Gate-Source Leakage Current
IGSS
VDS=0V, VGS=±20V
±100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH) VDS=VGS, ID=250µA
1
3
V
VGS=10V, ID=30A
14
23
Static Drain-Source On-Resistance
RDS(ON)
VGS=4.5V, ID=19A
24
30
mΩ
DYNAMIC PARAMETERS
Input Capacitance
CISS
900
pF
Output Capacitance
COSS
210
pF
Reverse Transfer Capacitance
CRSS
VDS=15V, VGS=0V, f=1MHz
90
pF
SWITCHING PARAMETERS
Turn-ON Time
t(ON)
90
ns
Turn-ON Delay Time
tD(ON)
11
ns
Turn-ON Rise Time
tR
49
ns
Turn-OFF Time
t(OFF)
83
ns
Turn-OFF Delay Time
tD(OFF)
27
ns
Turn-OFF Fall-Time
tF
VDD=15V, ID=7.9A, RL=18Ω, VGS=4.5V
28
ns
Turn-ON Time
t(ON)
48
ns
Turn-ON Delay Time
tD(ON)
6
ns
Turn-ON Rise Time
tR
26
ns
Turn-OFF Time
t(OFF)
120
ns
Turn-OFF Delay Time
tD(OFF)
52
ns
Turn-OFF Fall-Time
tF
VDD=15V, ID=7.9A, RL=18Ω, VGS=10V
28
ns
5V
VGS=0V~5V,VDD=15V,ID=19A IG=1.0mA
18
28
Total Gate Charge
10V
QG
VGS=0V~10V,VDD=15V,ID=19A,IG=1.0mA
9.6
14
nC
Threshold Gate Charge
QG(TH)
VGS=0V~1V,VDD=15V,ID=19A IG=1.0mA
1.0
1.5
nC
Gate-Source Charge
QGS
3.4
nC
Gate-Drain Charge
QGD
VDD=15V, ID=19A IG=1.0mA
3.4
nC
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
ISD=19A
1.25
Drain-Source Diode Forward Voltage
VSD
ISD=10A
1.0
V
Reverse Recovery Time
trr
58
ns
Reverse Recovery Charge
QRR
ISD=9A, dIS/dt =100A/s,
70
nC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com