Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT60N03G-TND-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT60N03G-TND-R
Description  N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT60N03G-TND-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UT60N03G-TND-R Datasheet HTML 1Page - Unisonic Technologies UT60N03G-TND-R Datasheet HTML 2Page - Unisonic Technologies UT60N03G-TND-R Datasheet HTML 3Page - Unisonic Technologies UT60N03G-TND-R Datasheet HTML 4Page - Unisonic Technologies UT60N03G-TND-R Datasheet HTML 5Page - Unisonic Technologies UT60N03G-TND-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT60N03
Power MOSFET
www.unisonic.com.tw
1 of 5
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-237.E
30V, 60A N-CHANNEL LOGIC
LEVEL MOSFET
DESCRIPTION
This device employs advanced MOSFET technology and features
low gate charge while maintaining low on-resistance.
Optimized for switching applications, this device improves the
overall efficiency of DC/DC converters and allows operation to higher
switching frequencies.
FEATURES
* RDS(ON) < 23mΩ @ VGS=10V, ID=30A
* RDS(ON) < 30mΩ @ VGS=4.5V, ID=19A
* Low Capacitance
* Low Gate Charge
* Fast Switching Capability
* Avalanche Energy Specified
SYMBOL
TO-252
1
TO-252D
1
TO-220
1
TO-251
1
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
UT60N03L-TA3-T
UT60N03G-TA3-T
TO-220
G
D
S
Tube
UT60N03L-TM3-T
UT60N03G-TM3-T
TO-251
G
D
S
Tube
UT60N03L-TN3-R
UT60N03G-TN3-R
TO-252
G
D
S
Tape Reel
UT60N03L-TND-R
UT60N03G-TND-R
TO-252D
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate
D: Drain
S: Source


Similar Part No. - UT60N03G-TND-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT60N03G-TN3-R UTC-UT60N03G-TN3-R Datasheet
221Kb / 5P
30V, 60A N-CHANNEL LOGIC LEVEL MOSFET
logo
VBsemi Electronics Co.,...
UT60N03G-TN3-R VBSEMI-UT60N03G-TN3-R Datasheet
902Kb / 6P
N-Channel 20-V (D-S)175 C MOSFET
logo
Unisonic Technologies
UT60N03G-TN3-T UTC-UT60N03G-TN3-T Datasheet
221Kb / 5P
30V, 60A N-CHANNEL LOGIC LEVEL MOSFET
logo
VBsemi Electronics Co.,...
UT60N03G-TN3-T VBSEMI-UT60N03G-TN3-T Datasheet
902Kb / 6P
N-Channel 20-V (D-S)175 C MOSFET
More results

Similar Description - UT60N03G-TND-R

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPC60N04S4L-06 INFINEON-IPC60N04S4L-06_15 Datasheet
202Kb / 9P
N-channel Logic Level - Enhancement mode
Rev. 1.0 2015-05-22
logo
Unisonic Technologies
19N10 UTC-19N10_15 Datasheet
333Kb / 8P
N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
80N08 UTC-80N08_15 Datasheet
204Kb / 4P
N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
UF740 UTC-UF740_15 Datasheet
240Kb / 6P
N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
12N65 UTC-12N65_15 Datasheet
393Kb / 8P
N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
25N40 UTC-25N40_15 Datasheet
177Kb / 6P
N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
UTT30N10 UTC-UTT30N10_15 Datasheet
246Kb / 6P
N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
logo
Infineon Technologies A...
IPB160N04S4L-H1 INFINEON-IPB160N04S4L-H1 Datasheet
206Kb / 9P
N-channel Logic Level - Enhancement mode
Rev. 1.0 2013-05-27
IPB180N04S4L-01 INFINEON-IPB180N04S4L-01 Datasheet
218Kb / 9P
N-channel Logic Level - Enhancement mode
Rev. 1.0 2013-06-03
IPB180N04S4L-H0 INFINEON-IPB180N04S4L-H0 Datasheet
218Kb / 9P
N-channel Logic Level - Enhancement mode
Rev. 1.0 2013-05-27
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com