Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT3006G-TN3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UT3006G-TN3-R
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT3006G-TN3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UT3006G-TN3-R Datasheet HTML 1Page - Unisonic Technologies UT3006G-TN3-R Datasheet HTML 2Page - Unisonic Technologies UT3006G-TN3-R Datasheet HTML 3Page - Unisonic Technologies UT3006G-TN3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UT3006
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R502-636.C
ABSOLUTE MAXIMUM RATINGS (TJ=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±20
V
TC=25°C
55
A
Continuous
VGS@10V
TC=100°C
ID
39
A
Drain Current
Pulsed (Note 2)
IDM
160
A
TO-252
41
W
Power Dissipation (TC=25°C)
DFN-8(5×6)
PD
21
Junction Temperature
TJ
+175
°C
Storage Temperature
TSTG
-55~+175
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Pulse test.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
TO-252
110
°C/W
Junction to Ambient
DFN-8(5×6)
θJA
46
°C/W
TO-252
3
°C/W
Junction to Case
DFN-8(5×6)
θJC
6
°C/W
ELECTRICAL CHARACTERISTICS (TJ=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
30
V
Drain-Source Leakage Current
IDSS
VDS=30V, VGS=0V
10
µA
Forward
VDS=0V, VGS=+20V
+100 nA
Gate- Source Leakage Current
Reverse
IGSS
VDS=0V, VGS=-20V
-100 nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
1
3
V
VGS=10V, ID=30A
9
mΩ
Static Drain-Source On-State Resistance
(Note)
RDS(ON)
VGS=4.5V, ID=20A
16
mΩ
Forward Transconductance
gFS
VDS=10V, ID=30A
42
S
DYNAMIC PARAMETERS
Input Capacitance
CISS
700 1120 pF
Output Capacitance
COSS
215
pF
Reverse Transfer Capacitance
CRSS
VGS=0V, VDS=25V, f=1.0MHz
155
pF
SWITCHING PARAMETERS
Total Gate Charge (Note)
QG
13
21
nC
Gate to Source Charge
QGS
2.5
nC
Gate to Drain Charge
QGD
VGS=4.5V, VDS=24V, ID=30A
9.5
nC
Gate Resistance
RG
f=1.0MHz
1.9
Turn-ON Delay Time (Note)
tD(ON)
8
ns
Rise Time
tR
85
ns
Turn-OFF Delay Time
tD(OFF)
20.5
ns
Fall-Time
tF
VDS=15V, ID=30A, RG=3.3Ω,
VGS=10V, RD=0.5 Ω
10
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage (Note)
VSD
IS=30A, VGS=0V
1.2
V
Body Diode Reverse Recovery Time (Note)
trr
23
ns
Body Diode Reverse Recovery Charge
QRR
IS=10A, VGS=0V,
dI/dt=100A/µs
14
µC
Note: Pulse test.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com