Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT3006G-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT3006G-TN3-R
Description  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT3006G-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UT3006G-TN3-R Datasheet HTML 1Page - Unisonic Technologies UT3006G-TN3-R Datasheet HTML 2Page - Unisonic Technologies UT3006G-TN3-R Datasheet HTML 3Page - Unisonic Technologies UT3006G-TN3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT3006
Power MOSFET
www.unisonic.com.tw
1 of 4
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-636.C
55A, 30V N-CHANNEL
ENHANCEMENT MODE
POWER MOSFET
DESCRIPTION
The UTC UT3006 is an N-channel enhancement MOSFET
using UTC’s advanced technology to provide the customers with
perfect RDS(ON), cost-effectiveness and high switching speed.
This UTC UT3006 is suitable for DC/DC converters, etc.
FEATURES
* RDS(ON)<9mΩ @ VGS=10V, ID=30A
* High Switching Speed
SYMBOL
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
12
34
56
7
8
Packing
UT3006L-TN3-R
UT3006G-TN3-R
TO-252
GD
S
-
-
-
-
-
Tape Reel
-
UT3006G-K08-5060-R
DFN-8(5×6) S
S
S
G
D
D
D
D Tape Reel
Note: Pin Assignment: G: Gate
D: Drain
S: Source
MARKING
TO-252
DFN-8(5×6)


Similar Part No. - UT3006G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT3006G-TN3-R UTC-UT3006G-TN3-R Datasheet
136Kb / 3P
55A, 30V N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - UT3006G-TN3-R

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com