Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT5003ZG-S08-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UT5003ZG-S08-R
Description  DUAL ENHANCEMENT MODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT5003ZG-S08-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UT5003ZG-S08-R Datasheet HTML 1Page - Unisonic Technologies UT5003ZG-S08-R Datasheet HTML 2Page - Unisonic Technologies UT5003ZG-S08-R Datasheet HTML 3Page - Unisonic Technologies UT5003ZG-S08-R Datasheet HTML 4Page - Unisonic Technologies UT5003ZG-S08-R Datasheet HTML 5Page - Unisonic Technologies UT5003ZG-S08-R Datasheet HTML 6Page - Unisonic Technologies UT5003ZG-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
UT5003Z
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 7
www.unisonic.com.tw
QW-R502-490.B
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
N-Channel:
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note3)
TC=25°C
ID
7
A
Pulsed Drain Current (Note3)
TC=25°C
IDM
20
A
Power Dissipation
PD
2
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
P-Channel:
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
-30
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note3)
TC=25°C
ID
-5
A
Pulsed Drain Current (Note3)
TC=25°C
IDM
-20
A
Power Dissipation
PD
2
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient (Note3)
θJA
62.5
°C/W
ELECTRICAL CHARACTERISTICS (TA =25°C, unless otherwise specified)
N-CHANNEL
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=250uA
30
V
Drain-Source Leakage Current
IDSS
VDS=24V, VGS=0V
1
uA
Gate-Source Leakage Current
IGSS
VDS=0V, VGS=±20V
±5
uA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250uA
1
1.5
2.5
V
Drain-Source On-State Resistance (Note2)
RDS(ON)
VGS=10V, ID=7A
20.5
27.5
mΩ
VGS=4.5V, ID=6A
30
40
mΩ
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
VGS=0V, VDS=15V, f=1MHz
680
pF
Output Capacitance
COSS
105
pF
Reverse Transfer Capacitance
CRSS
75
pF
SWITCHING CHARACTERISTICS
Turn-ON Delay Time (Note2)
tD(ON)
VDS=10V, VGS=10V, ID≒1A,
RG=3Ω
4.6
7
ns
Turn-ON Rise Time
tR
4
6
ns
Turn-OFF Delay Time
tD(OFF)
20
30
ns
Turn-OFF Fall Time
tF
5
8
ns
Total Gate Charge (Note2)
QG
VDS=0.5*BVDSS, VGS=10V,
ID=7A
14
nC
Gate-Source Charge
QGS
1.9
nC
Gate-Drain Charge
QGD
3.3
nC
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage(Note2)
VSD
IS=1A, VGS=0V
1
V
Diode Continuous Forward Current
IS
1.3
A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com