Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT5003ZG-S08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UT5003ZG-S08-R
Description  DUAL ENHANCEMENT MODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT5003ZG-S08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UT5003ZG-S08-R Datasheet HTML 1Page - Unisonic Technologies UT5003ZG-S08-R Datasheet HTML 2Page - Unisonic Technologies UT5003ZG-S08-R Datasheet HTML 3Page - Unisonic Technologies UT5003ZG-S08-R Datasheet HTML 4Page - Unisonic Technologies UT5003ZG-S08-R Datasheet HTML 5Page - Unisonic Technologies UT5003ZG-S08-R Datasheet HTML 6Page - Unisonic Technologies UT5003ZG-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
UT5003Z
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R502-490.B
TYPICAL CHARACTERISTICS(Cont.)
15V
VDS=5V
10V
ID=7A
Gate Charge Characteristics
10
8
6
4
2
0
04
8
12
16
Gate Charge,QG (nC)
1000
900
800
700
600
500
400
300
200
100
0
0
5
10
15
20
25
30
Drain-to-Source Voltage,VDS (V)
Capacitance Characteristics
CRSS
COSS
CISS
f=1MHZ
VGS=V
Single Pulse
RθJA=135℃/W
TA=25℃
Single Pulse Maximum Power
Dissipation
50
40
30
20
10
0
0.001
0.01
0.1
Time,t1 (sec)
1
10
100 1000
DC
10s
1s
100ms
10ms
1ms
100μs
RDS(ON) Limit
VGS=10V
Single Pulse
RθJA=135℃/W
TA=25℃
0.1
0.01
0.1
1
10
100
1
10
100
Drain-Source Voltage,VDS (V)
Maximum Safe Operating Area
P-CHANNEL



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com