Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT60N06G-TQ2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UTT60N06G-TQ2-R
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT60N06G-TQ2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UTT60N06G-TQ2-R Datasheet HTML 1Page - Unisonic Technologies UTT60N06G-TQ2-R Datasheet HTML 2Page - Unisonic Technologies UTT60N06G-TQ2-R Datasheet HTML 3Page - Unisonic Technologies UTT60N06G-TQ2-R Datasheet HTML 4Page - Unisonic Technologies UTT60N06G-TQ2-R Datasheet HTML 5Page - Unisonic Technologies UTT60N06G-TQ2-R Datasheet HTML 6Page - Unisonic Technologies UTT60N06G-TQ2-R Datasheet HTML 7Page - Unisonic Technologies UTT60N06G-TQ2-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
UTT60N06
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R502-575.D
ABSOLUTE MAXIMUM RATINGS (TC = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain to Source Voltage
VDSS
60
V
Gate to Source Voltage
VGS
±20
V
TC = 25°C
60
A
Continuous Drain Current
TC = 100°C
ID
39
A
Drain Current Pulsed (Note 2)
IDM
120
A
Avalanche Energy
Single Pulsed
EAS
100
mJ
TO-220/TO-263
100
W
Power Dissipation (TC=25°C)
TO-252
PD
70
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repeativity rating: pulse width limited by junction temperature
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
TO-220/TO-263
62.5
°C/W
Junction to Ambient
TO-252
θJA
110
°C/W
TO-220/TO-263
1.25
°C/W
Junction to Case
TO-252
θJC
1.8
°C/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com