Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT60N06G-TQ2-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UTT60N06G-TQ2-R
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT60N06G-TQ2-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UTT60N06G-TQ2-R Datasheet HTML 1Page - Unisonic Technologies UTT60N06G-TQ2-R Datasheet HTML 2Page - Unisonic Technologies UTT60N06G-TQ2-R Datasheet HTML 3Page - Unisonic Technologies UTT60N06G-TQ2-R Datasheet HTML 4Page - Unisonic Technologies UTT60N06G-TQ2-R Datasheet HTML 5Page - Unisonic Technologies UTT60N06G-TQ2-R Datasheet HTML 6Page - Unisonic Technologies UTT60N06G-TQ2-R Datasheet HTML 7Page - Unisonic Technologies UTT60N06G-TQ2-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
UTT60N06
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 8
www.unisonic.com.tw
QW-R502-575.D
ELECTRICAL CHARACTERISTICS (TC = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS = 0 V, ID = 250μA
60
V
Drain-Source Leakage Current
IDSS
VDS = 60 V, VGS = 0 V
1
μA
Forward
VGS = 20V, VDS = 0 V
100
nA
Gate-Source Leakage Current
Reverse
IGSS
VGS = -20V, VDS = 0 V
-100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS = VGS, ID = 250μA
2.0
4.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS = 10 V, ID = 30 A
14
18
mΩ
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
2000
pF
Output Capacitance
COSS
400
pF
Reverse Transfer Capacitance
CRSS
VGS = 0V, VDS =25V, f = 1MHz
115
pF
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
12
30
ns
Rise Time
tR
11
30
ns
Turn-Off Delay Time
tD(OFF)
25
50
ns
Fall Time
tF
VDD=48V, ID=60A, RL=0.5Ω,
VGS=10V (Note 1, 2)
15
30
ns
Total Gate Charge
QG
39
60
nC
Gate-Source Charge
QGS
12
nC
Gate-Drain Charge (Miller Charge)
QGD
VDS = 30V, VGS = 10 V
ID = 60A (Note 1, 2)
10
nC
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS
Diode Forward Voltage
VSD
VGS = 0 V, IS = 60A
1.6
V
Continuous Source Current
IS
60
Pulsed Source Current
ISM
120
A
Reverse Recovery Time
tRR
60
ns
Reverse Recovery Charge
QRR
IS = 60A, VGS = 0 V,
dIF/dt = 100 A/μs (Note 1)
3.4
μC
Notes: 1. Pulse Test: Pulse Width≤300μs, Duty Cycle≤2%
2. Essentially independent of operating temperature.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com