Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT30N10G-TQ2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UTT30N10G-TQ2-R
Description  N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT30N10G-TQ2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UTT30N10G-TQ2-R Datasheet HTML 1Page - Unisonic Technologies UTT30N10G-TQ2-R Datasheet HTML 2Page - Unisonic Technologies UTT30N10G-TQ2-R Datasheet HTML 3Page - Unisonic Technologies UTT30N10G-TQ2-R Datasheet HTML 4Page - Unisonic Technologies UTT30N10G-TQ2-R Datasheet HTML 5Page - Unisonic Technologies UTT30N10G-TQ2-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
UTT30N10
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-661.F
ABSOLUTE MAXIMUM RATINGS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
100
V
Gate-Source Voltage
VGSS
±20
V
Drain Current
Continuous
(VGS=10V) TC=25°C
ID
30
A
Pulsed
IDM
120
A
Single Pulsed Avalanche Energy (Note 2)
EAS
55
mJ
Power Dissipation
TO-220/TO-263
PD
79
W
TO-220F
47
TO-252
44
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55~+150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Starting TJ = 25°C, L = 0.27mH, IAS = 30A.
3. Pulse Width = 100s
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
TO-220/TO-220F
TO-263
θJA
62
°C/W
TO-252
110
Junction to Case
TO-220/TO-263
θJC
1.58
°C/W
TO-220F
2.64
TO-252
2.85



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com