Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT30N10G-TQ2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTT30N10G-TQ2-R
Description  N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT30N10G-TQ2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UTT30N10G-TQ2-R Datasheet HTML 1Page - Unisonic Technologies UTT30N10G-TQ2-R Datasheet HTML 2Page - Unisonic Technologies UTT30N10G-TQ2-R Datasheet HTML 3Page - Unisonic Technologies UTT30N10G-TQ2-R Datasheet HTML 4Page - Unisonic Technologies UTT30N10G-TQ2-R Datasheet HTML 5Page - Unisonic Technologies UTT30N10G-TQ2-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UTT30N10
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R502-661.F
30A, 100V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC UTT30N10 is a N-channel mode power
MOSFET using UTC’s advanced technology to provide
customers with a minimum on-state resistance, low gate
charge and high switching speed.
The UTC UTT30N10 is suitable for high voltage
synchronous rectifier and DC/DC converters, etc.
FEATURES
* RDS(ON) < 52mΩ @ VGS=10V, ID=30A
* High Switching Speed
SYMBOL
1.Gate
2.Drain
3.Source
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
UTT30N10L-TA3-T
UTT30N10G-TA3-T
TO-220
G
D
S
Tube
UTT30N10L-TF3-T
UTT30N10G-TF3-T
TO-220F
G
C
E
Tube
UTT30N10L-TN3-R
UTT30N10G-TN3-R
TO-252
G
D
S
Tape Reel
UTT30N10L-TQ2-T
UTT30N10G-TQ2-T
TO-263
G
D
S
Tube
UTT30N10L-TQ2-R
UTT30N10G-TQ2-R
TO-263
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate
D: Drain
S: Source
MARKING


Similar Part No. - UTT30N10G-TQ2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT30N10G-TA3-T UTC-UTT30N10G-TA3-T Datasheet
181Kb / 5P
30A, 100V N-CHANNEL POWER MOSFET
UTT30N10G-TN3-R UTC-UTT30N10G-TN3-R Datasheet
181Kb / 5P
30A, 100V N-CHANNEL POWER MOSFET
UTT30N10G-TN3-T UTC-UTT30N10G-TN3-T Datasheet
181Kb / 5P
30A, 100V N-CHANNEL POWER MOSFET
More results

Similar Description - UTT30N10G-TQ2-R

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPC60N04S4L-06 INFINEON-IPC60N04S4L-06_15 Datasheet
202Kb / 9P
N-channel Logic Level - Enhancement mode
Rev. 1.0 2015-05-22
logo
Unisonic Technologies
19N10 UTC-19N10_15 Datasheet
333Kb / 8P
N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
80N08 UTC-80N08_15 Datasheet
204Kb / 4P
N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
UF740 UTC-UF740_15 Datasheet
240Kb / 6P
N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
12N65 UTC-12N65_15 Datasheet
393Kb / 8P
N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
25N40 UTC-25N40_15 Datasheet
177Kb / 6P
N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
UT60N03 UTC-UT60N03_15 Datasheet
247Kb / 6P
N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE
logo
Infineon Technologies A...
IPB160N04S4L-H1 INFINEON-IPB160N04S4L-H1 Datasheet
206Kb / 9P
N-channel Logic Level - Enhancement mode
Rev. 1.0 2013-05-27
IPB180N04S4L-01 INFINEON-IPB180N04S4L-01 Datasheet
218Kb / 9P
N-channel Logic Level - Enhancement mode
Rev. 1.0 2013-06-03
IPB180N04S4L-H0 INFINEON-IPB180N04S4L-H0 Datasheet
218Kb / 9P
N-channel Logic Level - Enhancement mode
Rev. 1.0 2013-05-27
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com