Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LVC-5000 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LVC-5000
Description  Fanless In-Vehicle Box PC with Intel 847E series Processor featuring 4 GbE LAN Ports
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LVC-5000 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LVC-5000 Datasheet HTML 1Page - List of Unclassifed Manufacturers LVC-5000 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
connect@lannerinc.com | www.lannerinc.com
Preliminary Specifications
Ordering Information
Dimensions (WxHxD)
273.8 x 64.8 x 188 mm (10.78” x 2.55” x 7.4” )
Processor
Intel 847E Processor
Chipset
Intel HM65
System
Memory
Technology
DDR3 SO-DIMM x1 ( Factory default: 4GB module pre-installed )
Max. Capacity
Up to 8GB
Storage
SATA/CF
Internal 2.5” SSD/HDD drive bay x1; CF socket x1
Ethernet Controller
Intel 82583V x4
Graphic Controller
Intel integrated HD graphic engine
Audio Controller
Realtek ALC886 HD codec
IO
LAN
GbE RJ45 x4
Display
DVI-D, maximum resolution up to 1920x1200@75Hz
VGA, maximum resolution up to 2048x1536@60Hz
HDMI, maximum resolution up to 1920x1200@75Hz
Dual display function supports Independent, clone and extended
mode.(VGA+DVI or VGA+HDMI)
Audio
Mic-in and Line-out with 2 watt by terminal block MIO connector
Serial I/O
1x RS-232 and 1x RS-232/422/485 both with RI/5V/12V
GPS
Ublox NEO-6Q GPS receiver module
G-sensor
ADXL 345
GPIO
4x DI and 4xDO with 5V/12V Level by jumper setting
2x DI (from MCU) 3.3V Level
2x DO control relay with contact current @ 2A
USB 2.0
Type A x4
Power Input
3-pin terminal block (+, -, ignition)
Expansion
Mini-PCIe x2 (Both with SIM card reader)
PoE
None
Others
External: 4x SMA antenna hole, Remote Power switch
Internal: Lanner Proprietary MIO
Power Input
+9~36VDC input range, with ignition delay on/off control
PoE Power Module
None
OS Support
Linux: Redhat Enterprise 5/ Fedora 14. Linux Kernel 2.6.18 or later
Windows: XP embedded ; Win7 Pro FES/Embedded; Win8
Certifications
CE, FCC Class A, E13, RoHS
Compliance
Vibration: MIL-STD-810G, Method 514.6
Shock:MIL-STD-810G, Method 516.6
Operating Tem-
perature Range
Extended
With Selected Industrial Components
-20~55°C/-4~131°F
Standard
With Commercial Components
-5~45°C / 23~113°F
LVC-5000
Intel® 847E In-Vehicle Computer, 4GB DDR3 Memory included, Internal 2.5" Drive Bay,
Mini-PCIe x2 with two SIM card reader, Intel GbE x4, USB x4, COM x2, MIO, Audio, HDMI,
DC Power input +9~36Vdc with Ignition, wall mount kit included.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com