Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LVC-5000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LVC-5000
Description  Fanless In-Vehicle Box PC with Intel 847E series Processor featuring 4 GbE LAN Ports
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LVC-5000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LVC-5000 Datasheet HTML 1Page - List of Unclassifed Manufacturers LVC-5000 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
connect@lannerinc.com | www.lannerinc.com
LVC-5000
Features
Multiple LAN ports In-Vehicle
Box PC
This in-vehicle box PC with 4 GbE
LAN ports is suitable for in-vehicle
digital signage, multi-media and
fleet management communication
applications.
Designed for MIL-STD-810G
with Extreme Vibration
Resistance
LVC-5000 series is in compliance with
MIL-STD-810G vibration and shock
standards.
Fanless Design with
Corrugated Aluminum
The corrugated aluminum casing lets
heat dissipate through the top of the
device, allowing for a fanless design.
Convenient DC output
The LVC-5000 series offers 12VDC
Output (max 1A) for external devices,
operational in concert with the
Ignition Power Management feature
.
Vehicle Ignition Power
Management
Detects vehicle ignition on/off status
and allows flexible control of the
delay time via software utility.
Fanless In-Vehicle Box PC with Intel 847E series
Processor featuring 4 GbE LAN Ports
Modularized and customizable
design
The LVC-5000 series design features
the Lanner Proprietary Internal Multi-
IO Interface, which carries signals for 2
USB ports, 4 x UART, 4 x Digital I/O, 2 x
PCIe, and 1 x SATA 2.0. This allows for
customized add-on modules for other
features.
Key lock for Drive Bay
The system is with key lock for
removable drive bay.
Settings and Installation via
the front panel
MCU setting and CF card and SIM card
installation is easy to access simply by
opening the front panel.
Multi I/O
The MIO design includes 12V Level
GPIO, audio, MCU TX/RX and also
includes 2x DI (Digital Input from MCU)
which can connect sensors to detect
the environment. Once defined events
occur, the LVC-5000 can be turned on
automatically.
Dimensions: 273.8 x 64.8 x 188 mm (10.78” x 2.55” x 7.4” )
HDMI
2x COM
DVI-D
VGA 12V DC Out
9~36VDC
Power In
MIO
4x GbE LAN ports
4x USB
2.5” Internal Drive Bay
Power SW
(Bypass Ignition)


Similar Part No. - LVC-5000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LVC-5000-A0 ETC2-LVC-5000-A0 Datasheet
227Kb / 4P
Fanless Mobile Computer with Intel 847E for Transport Fleet Management Solution
LVC-5000-A1 ETC2-LVC-5000-A1 Datasheet
534Kb / 4P
Fanless Mobile DVR with Intel Celeron 1047UE featuring 8CH Analogue Video for Transport Surveilance Solution
LVC-5000-A2 ETC2-LVC-5000-A2 Datasheet
531Kb / 4P
Fanless Mobile DVR with Intel Celeron 1047UE & 16CH Fanless Mobile DVR with Intel Celeron 1047UE & 16CH
LVC-5000-A5 ETC2-LVC-5000-A5 Datasheet
535Kb / 4P
Fanless Mobile Hybrid DVRNVR with Intel Core i7-3517UE featuring 8CH Analogue Video Plus 4 PoEs for Transport Surveilance Solution
LVC-5000-A6 ETC2-LVC-5000-A6 Datasheet
532Kb / 4P
Fanless Mobile Hybrid DVRNVR with Intel Core i7-3517UE & 16CH Analogue Video Plus 4 PoEs for Transport Surveilance Solution
More results

Similar Description - LVC-5000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LVC-2000 ETC2-LVC-2000 Datasheet
392Kb / 4P
Fanless Vehicle PC with Intel짰Atom??E3845 Processor
LVC-5000N4 ETC2-LVC-5000N4 Datasheet
237Kb / 4P
Fanless Mobile NVR with Intel짰 Celeron짰 847E series featuring 4 PoE Ports for Transport Surveillance
LVC-5570 ETC2-LVC-5570 Datasheet
512Kb / 4P
Fanless In-Vehicle Computer with Intel Core i7-3517UE Processor
LVC-5570D4-CA ETC2-LVC-5570D4-CA Datasheet
232Kb / 2P
Fanless In-Vehicle Computer with Intel Celeron 1020E Processor
logo
AAEON Technology
VPC-5600S AAEON-VPC-5600S Datasheet
185Kb / 1P
Fanless In-Vehicle Network Video Recorder with Intel Processor
logo
Advantech Co., Ltd.
ARK-5261 ADVANTECH-ARK-5261 Datasheet
459Kb / 2P
Intel Celeron Processor J1900 Fanless Embedded BOX PC
logo
Contec Co., Ltd
BX-T1000 CONTEC-BX-T1000 Datasheet
404Kb / 3P
BOX-PC Fanless, Industrial Intel CPU processor mounted
logo
Lanner All Rights Reser...
LVC-2000 LANNER-LVC-2000 Datasheet
410Kb / 4P
Fanless Vehicle PC with Intel짰Atom??E3845 Processor
logo
Advantech Co., Ltd.
UTX-3117 ADVANTECH-UTX-3117 Datasheet
703Kb / 2P
Intel Atom platform with Dual GbE LAN Fanless Compact Box
14-Oct-2021
logo
AAEON Technology
BOXER-8250AI AAEON-BOXER-8250AI Datasheet
595Kb / 2P
AI@Edge Fanless Embedded Box PC with NVIDIA Jetson Xavier NX, 5 GbE LAN Ports
2023/01/19
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com