Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7273-2 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE7273-2
Description  Low Dropout Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7273-2 Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE7273-2 Datasheet HTML 1Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 2Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 3Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 4Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 5Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 6Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 7Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 8Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Type
Package
Marking
TLE7273-2GV50
PG-DSO-14
TLE7273-2GV50
TLE7273-2GV33
PG-DSO-14
TLE7273-2GV33
TLE7273-2GV26
PG-DSO-14
TLE7273-2GV26
TLE7273-2EV50
PG-SSOP-14 Exposed Pad
7273 V50
PG-DSO-14
PG-SSOP-14 Exposed Pad
Data Sheet
2
Rev. 1.21, 2014-11-19
Low Dropout Voltage Regulator
TLE7273-2
1Overview
Features
•
Output Voltage 5 V, 3.3 V or 2.6 V
•
Output Voltage Tolerance
±2% Up To 180mA
•
Ultra Low Quiescent Current Consumption < 36
μA
•
Enable Function
•
Very Low Dropout Voltage
•
Reset With Adjustable Power-On delay
•
Window Watchdog With
Current Dependent Deactivation
•
Output Current Limitation
•
Wide Operation Range Up To 45 V
•
Wide Temperature Range From -40
°C To 150 °C
•
Overtemperature Shutdown
•
Green Product (RoHS compliant)
•
AEC Qualified
Description
The TLE7273-2 is a monolithic voltage regulator with integrated window watchdog and reset dedicated for
microcontroller supplies under harsh automotive environment conditions.
Due to its ultra low quiescent current, the TLE7273-2 is perfectly suited for applications that are permanently
connected to battery. In addition, the regulator can be shut down via the Enable input causing the current
consumption to drop below 3
μA. The TLE7273-2 is equipped with an output current limitation and an
overtemperature shutdown, protecting the device against overload, short circuit and over-temperature. It operates
in the wide junction temperature range from -40
°C to 150 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com