Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7273-2 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE7273-2
Description  Low Dropout Voltage Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7273-2 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE7273-2 Datasheet HTML 17Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 18Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 19Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 20Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 21Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 22Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 23Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 24Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Data Sheet
21
Rev. 1.21, 2014-11-19
TLE7273-2
Typical Performance Characteristics (cont´d)
Region of Stability
ESR(C
Q) versus
Output Current
I
Q
12_ESR-IQ.VSD
1
0.1
0.01
ESR
CQ
[
Ω]
0
I
Q [mA]
100
200
C
Q = 470nF
T
j = -40...150 °C
100
10
Stable
Region



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com