Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF005 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # DF005
Description  Single Phase 1.0 AMPS. Silicon Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

DF005 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  DF005 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd DF005 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DF005 THRU DF10
Single Phase 1.0 AMPS.
Silicon Bridge Rectifiers
Voltage Range
50 to 1000 Volts
Current
1.0 Amperes
Features
• UL Recognized File # E-230084
• Ideal for printed circuit board
• Reliable low cost construction technique
results in inexpensive product
• High temperature soldering guaranteed:
260℃ / 10 seconds / 0.375
” ( 9.5mm )
lead length at 5 lbs., ( 2.3 kg ) tension
Mechanical Data
• Case: Molded plastic
• Lead: solder plated
• Polarity: As marked
Dimensions in inches and (millimeters)
DB
.350(8.9)
.300(7.6)
.045(1.14)
.035(0.89)
.185(4.69)
.150(3.81)
.255(6.5)
.245(6.2)
.315(8.0)
.285(7.24)
.205(5.2)
.195(5.0)
.335(8.51)
.320(8.13)
.130(3.30)
.120(3.05)
.023(0.58)
.018(0.46)
.08(2.03)
.05(1.27)
.075(1.90)
.055(1.39)
.013(0.33)
.0088(0.22)
+
-
~
~
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
DF005
DF01
DF02
DF04
DF06
DF08
DF10
UNITS
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
@TA = 40℃
I(AV)
1.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
50
A
Maximum Instantaneous Forward Voltage @ 1.0A
VF
1.1
V
Maximum DC Reverse Current @ TA=25℃
rated DC blocking voltage per leg TA = 125℃
IR
10
500
μA
Typical Thermal Resistance (Note)
RθJA
RθJL
40
15
℃/W
Operating Temperature Range
TJ
-55 to +150
℃
Storage Temperature Range
TSTG
-55 to +150
℃
NOTE:Thermal Resistance from Junction to Ambient and from Junction to Lead Mounted on P.C.B.with 0.47×0.47”(12×12mm) Copper
Pads.
TIGER ELECTRONIC CO.,LTD


Similar Part No. - DF005

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
DF005 WTE-DF005 Datasheet
50Kb / 3P
1.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shanghai Sunrise Electr...
DF005 SSE-DF005 Datasheet
14Kb / 1P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
DF005 CHENYI-DF005 Datasheet
131Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
GOOD-ARK Electronics
DF005 GOOD-ARK-DF005 Datasheet
160Kb / 2P
GLASS PASSIVATED CHIP SINGLE-PHASE BRIDGE RECTIFIER
logo
Won-Top Electronics
DF005 WTE-DF005 Datasheet
61Kb / 4P
1.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - DF005

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
KBPC800 JGD-KBPC800 Datasheet
124Kb / 2P
SINGLE PHASE 8.0 AMPS. SILICON BRIDGE RECTIFIERS
KBU600 JGD-KBU600 Datasheet
139Kb / 2P
SINGLE PHASE 6.0 AMPS. SILICON BRIDGE RECTIFIERS
W005M JGD-W005M Datasheet
125Kb / 2P
SINGLE PHASE 1.5 AMPS. SILICON BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
KBU401 TSC-KBU401 Datasheet
54Kb / 2P
Single Phase 4.0 AMPS. Silicon Bridge Rectifiers
KBU801 TSC-KBU801 Datasheet
56Kb / 2P
Single Phase 8.0 AMPS. Silicon Bridge Rectifiers
logo
Yangzhou yangjie electr...
W005 YANGJIE-W005 Datasheet
244Kb / 2P
SINGLE PHASE 1.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
DBS101G TSC-DBS101G Datasheet
104Kb / 2P
Single Phase 1.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Tiger Electronic Co.,Lt...
DF005S TGS-DF005S Datasheet
132Kb / 2P
Single Phase 1.0 AMPS Glass Passivated Bridge Rectifiers
logo
Kingtronics Internation...
DB101 KINGTRONICS-DB101_15 Datasheet
409Kb / 2P
Single Phase 1.0 AMPS. Glass Passivated Bridge Rectifiers
KBPC25005W KINGTRONICS-KBPC25005W_15 Datasheet
413Kb / 2P
25 AMPS. Single Phase Silicon Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com