Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPS02A Datasheet(PDF) 1 Page - JL World Company Limited.

Part # SPS02A
Description  value normalized to 5vrms input voltage and 5cm measuring distance
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JLWORLD [JL World Company Limited.]
Direct Link  http://www.jlworld.com
Logo JLWORLD - JL World Company Limited.

SPS02A Datasheet(HTML) 1 Page - JL World Company Limited.

  SPS02A Datasheet HTML 1Page - JL World Company Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPEAKERqSOUNDqGENERATORS
Specification+Ball+data+taken+at+qz°C+unless+otherwise+specified9
Operating
Temperature
B°C9
VqI+~+31I
±Average+Sound+
Pressure+Level
BdB9
Jz+±+y
Rated+
Voltage
BVrms9
1
Maximum
Input+Voltage
BVrms9
J
±Frequency
Range
BHz9
.II+~+qIIII
Resonance
Frequency+
BHz9
.II+±+FzI
Storage
Temperature
B°C9
VyI+~+3.z
±Value+normalized+to+zVrms+input+voltage+and+zcm+measuring+distanceM
SPS02A
www.jlworld.com
Dimensions
Unit+W+mm
Tolerance+W+±IMymm
FrequencyqResponse
Normalization+to+zVrms+Input+Voltage+
and+zcm+Measuring+Distance
SPSIqA


Similar Part No. - SPS02A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPS02N60C3 INFINEON-SPS02N60C3 Datasheet
526Kb / 12P
Cool MOS??Power Transistor
Rev. 2.0 2005-10-24
SPS02N60C3 INFINEON-SPS02N60C3 Datasheet
1Mb / 12P
Cool MOS Power Transistor Feature new revolutionary high voltage technology
Rev.2.2 2009-07-07
logo
VBsemi Electronics Co.,...
SPS02N60C3 VBSEMI-SPS02N60C3 Datasheet
1Mb / 9P
N-Channel 650V (D-S) Power MOSFET
logo
Inchange Semiconductor ...
SPS02N60C3 ISC-SPS02N60C3 Datasheet
307Kb / 2P
isc N-Channel MOSFET Transistor
logo
Infineon Technologies A...
SPS02N60C3 INFINEON-SPS02N60C3_09 Datasheet
1Mb / 12P
Cool MOS Power Transistor Feature new revolutionary high voltage technology
Rev.2.2 2009-07-07
More results

Similar Description - SPS02A

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2D120 SHARP-GP2D120 Datasheet
414Kb / 10P
DISTANCE MEASURING SENSOR
GP2Y0A710K0F SHARP-GP2Y0A710K0F Datasheet
343Kb / 9P
Distance Measuring Sensor Unit Measuring distance: 100 to 550 cm Analog output type
GP2Y0A02YK0F SHARP-GP2Y0A02YK0F Datasheet
696Kb / 9P
Distance Measuring Sensor Unit Measuring distance: 20 to 150 cm Analog output type
GP2Y0A21YK0F SHARP-GP2Y0A21YK0F Datasheet
374Kb / 9P
Distance Measuring Sensor Unit Measuring distance: 10 to 80 cm Analog output type
logo
Solid State Optronic
AD6C841 SSOUSA-AD6C841 Datasheet
346Kb / 8P
High Input-to-Output Isolation (up to 5VRMS)
logo
JL World Company Limite...
SPS01A JLWORLD-SPS01A Datasheet
1Mb / 1P
value normalized to 5vrms input voltage and 5cm measuring distance
SPS03A JLWORLD-SPS03A Datasheet
1Mb / 1P
value normalized to 5vrms input voltage and 5cm measuring distance
SPS04A JLWORLD-SPS04A Datasheet
2Mb / 1P
value normalized to 5vrms input voltage and 5cm measuring distance
logo
Sharp Corporation
GP2Y0A60SZ0F SHARP-GP2Y0A60SZ0F Datasheet
690Kb / 10P
Distance Measuring Sensor Unit
GP2Y0A41SK0F SHARP-GP2Y0A41SK0F_V01 Datasheet
864Kb / 9P
Distance Measuring Sensor Unit Measuring distance : 4 to 30 cm Analog output type
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com