Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM-R Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HM-R
Description  High sensitivity, low power consumption
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HM-R Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HM-R Datasheet HTML 1Page - List of Unclassifed Manufacturers HM-R Datasheet HTML 2Page - List of Unclassifed Manufacturers HM-R Datasheet HTML 3Page - List of Unclassifed Manufacturers HM-R Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HM-R V3.3
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com
http://www.hoperf.com
Update:10/28/2010
Specification
1. DC parameter
Min
Typ
Max
Unit
Power supply
2.5
3
5
V
Temperature
-35
80
Data rate
600
4800
9600
bps
Note: Data rate can be customize from 300bps to 100kbps
2. Performance
VCC=3V,T=25
Model
Condition
HM-R433
HM-R868
HM-R915
单位
Frequency
434
869
915
MHz
Typical Sensitivity
-109
-105
-105
dBm
Maximum Sensitivity
-100
-98
-98
dBm
Typical RX current
10
11.5
13
mA
Note: 1.Range test conditions:1.Open area; 2.Antenna is about 2m above ground.
2. If 5V power supplied, even longer range is possible, however more power be
consumed
Naming



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com