Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM-R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HM-R
Description  High sensitivity, low power consumption
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HM-R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HM-R Datasheet HTML 1Page - List of Unclassifed Manufacturers HM-R Datasheet HTML 2Page - List of Unclassifed Manufacturers HM-R Datasheet HTML 3Page - List of Unclassifed Manufacturers HM-R Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HM-R V3.3
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com
http://www.hoperf.com
Update:10/28/2010
HM-R series FSK receiver module
GENERAL
HM-R series receiver module is specially designed by Hope Microelectronics Co., Ltd. For replacing
those applications that used ASK technology module already. It used together with HM-T/HM-TP series
FSK transmission module. Due to the benefits form FSK technology, the module is robust to interference,
and longer working range can be achieved.
FEATURES
1. Highly integrated, small size
2. High sensitivity, low power consumption
3. FSK technology, suitable for replacing ASK modules
4. Less interference, longer working range
5. Can be used to replace ASK module pair W/O software modification
6. No manual tuning required during production
HM-R receiver module
Pins name
Note: ENABLE active hi make module work and low sleep the module.
It is recommended than keep ENABLE low while power on, and then active it after
module initialization
Application
Pin to pin replace the old ASK module pair. Special design can be made for more sophisticated application.


Similar Part No. - HM-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
HM-0-R MSYSTEM-HM-0-R Datasheet
100Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
HM-0-R/Q MSYSTEM-HM-0-R/Q Datasheet
100Kb / 3P
Space-saving Plug-in Signal Conditioners H-UNIT
logo
Shenzhen TOPWAY Technol...
HM-0020 TOPWAY-HM-0020 Datasheet
178Kb / 12P
LCD Module User Manual V1.0
logo
Tyco Electronics
HM-040040-25-8A MACOM-HM-040040-25-8A Datasheet
2Mb / 48P
Label format - Old format order code cross reference
HM-064064-25-8A MACOM-HM-064064-25-8A Datasheet
2Mb / 48P
Label format - Old format order code cross reference
More results

Similar Description - HM-R

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C3901 HAMAMATSU-C3901_10 Datasheet
209Kb / 6P
Current output, high UV sensitivity, excellent linearity, low power consumption
logo
fujitsu semiconductor
NY5W-K FUJITSU-NY5W-K Datasheet
319Kb / 7P
Ultra slim type with 5 mm thickness, Low power consumption and high sensitivity
logo
OptoSupply Internationa...
OS402612GD-XXXXZ3K1X OPTOSUPPLY-OS402612GD-XXXXZ3K1X Datasheet
51Kb / 3P
Low Power Consumption, High Intensity
OS423430GD-XXXXS1C1A OPTOSUPPLY-OS423430GD-XXXXS1C1A Datasheet
50Kb / 3P
Low Power Consumption, High Intensity
OSMW02C04GX-W543Z4E1P-X OPTOSUPPLY-OSMW02C04GX-W543Z4E1P-X Datasheet
49Kb / 3P
Low Power Consumption, High Intensity
OSMY61K37GH-XXXA5111A-A OPTOSUPPLY-OSMY61K37GH-XXXA5111A-A Datasheet
119Kb / 4P
Low Power Consumption, High Intensity
logo
List of Unclassifed Man...
HM-T ETC2-HM-T Datasheet
128Kb / 3P
HIGH SENSITIVITY, LOW POWER CONSUMPTION
logo
Taoglas antenna solutio...
GRS.01.A.024KSSX1 TAOGLAS-GRS.01.A.024KSSX1 Datasheet
1Mb / 12P
Combines low power consumption and high sensitivity
logo
AnaSem Hong Kong Limite...
MRX1518H ANASEM-MRX1518H Datasheet
1Mb / 14P
Low power consumption, 1.5mT High sensitivity CMOS MR Magnetic Sensor Switch
Rev. E13-01
MRX1533L ANASEM-MRX1533L Datasheet
1Mb / 14P
Low power consumption, 1.5mT High sensitivity CMOS MR Magnetic Sensor Switch
Rev. E13-01
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com