Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPZB01 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # HPZB01
Description  ZigBee RF Transceiver Module
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HPZB01 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button HPZB01 Datasheet HTML 6Page - List of Unclassifed Manufacturers HPZB01 Datasheet HTML 7Page - List of Unclassifed Manufacturers HPZB01 Datasheet HTML 8Page - List of Unclassifed Manufacturers HPZB01 Datasheet HTML 9Page - List of Unclassifed Manufacturers HPZB01 Datasheet HTML 10Page - List of Unclassifed Manufacturers HPZB01 Datasheet HTML 11Page - List of Unclassifed Manufacturers HPZB01 Datasheet HTML 12Page - List of Unclassifed Manufacturers HPZB01 Datasheet HTML 13Page - List of Unclassifed Manufacturers HPZB01 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
HPZB01 /HPZB01P V1.0
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com
http://www.hoperf.com
                                              
                                                                                                                            
7 Soldering Profile
Table7‐1: Soldering Profile
Profile Feature 
Green Package 
Average ramp‐up rate(217°C to peak) 
3°C/s max 
Preheat temperature 175
°C +/‐25°C
180s max
Temperature maintained above 217
°C
60S to 150S
Time within 5
°C of actual peak temperature
20s to 40s
Peak temperature rang
260
°C
Ramp-down rate
6
°C/s max
Time within 25
°C to peak temperature
8 minutes max
8 Ordering Information
Table8‐1: Ordering Information 
Part Number 
Description 
HPZB01‐ANT 
+8dBm output power, ‐102dBm sensitivity, With built-in SMD antenna 
HPZB01P‐ANT 
+20dBm output power, ‐110dBm sensitivity, With built-in SMD antenna 
HPZB01‐IPEX 
+8dBm output power, ‐102dBm sensitivity, With Built-in IPEX connector for
external antenna
 
HPZB01P‐IPEX 
+20dBm output power, ‐110dBm sensitivity, With Built-in IPEX connector for
external antenna
 
HPZB01‐UO 
+8dBm output power, ‐102dBm sensitivity, With unbalanced RF output for
external antenna
 
HPZB01P‐UO 
+20dBm output power, ‐110dBm sensitivity, With unbalanced RF output for
external antenna
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com