Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPZB01 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HPZB01
Description  ZigBee RF Transceiver Module
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HPZB01 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HPZB01 Datasheet HTML 1Page - List of Unclassifed Manufacturers HPZB01 Datasheet HTML 2Page - List of Unclassifed Manufacturers HPZB01 Datasheet HTML 3Page - List of Unclassifed Manufacturers HPZB01 Datasheet HTML 4Page - List of Unclassifed Manufacturers HPZB01 Datasheet HTML 5Page - List of Unclassifed Manufacturers HPZB01 Datasheet HTML 6Page - List of Unclassifed Manufacturers HPZB01 Datasheet HTML 7Page - List of Unclassifed Manufacturers HPZB01 Datasheet HTML 8Page - List of Unclassifed Manufacturers HPZB01 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
HPZB01 /HPZB01P V1.0
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com
http://www.hoperf.com
                                              
                                                                                                                             
1 Pin Assignment and Pin Description
 
Figure 1‐1:HPZB01/HPZB01P Pin Assignment 
 
HPZB01
HPZB01P
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Table 1‐1:HPZB01/HPZB01P Pin Description 
            
 
(For more details about the Pin description, Please take the datasheet of Ember EM357 as reference) 
Pin# 
Signal 
HPZB01 
Signal 
HPZB01P 
Direction
Description 
1 
GND 
GND 
Ground 
Connect to ground 
PC5 
‐ 
I/O 
Digital I/O 
TX_ACTIVE
‐ 
O 
Logic‐level control for external Rx/Tx switch 
2 
-
NC
-
Do not connect
3 
nRESET 
nRESET 
I 
Active low chip reset (internal pull‐up) 
PC6 
PC6 
I/O 
Digital I/O 
OSC32B 
OSC32B 
I/O 
32.768 kHz crystal oscillator 
4 
nTX_ACTIVE  nTX_ACTIVE
O 
Inverted TX_ACTIVE signal 
PC7 
PC7 
I/O 
Digital I/O 
OSC32A 
OSC32A 
I/O 
32.768 kHz crystal oscillator 
5 
OSC32_EXT
OSC32_EXT
I 
Digital 32.768 kHz clock input source 
PA7 
PA7 
I/O High 
current 
Digital I/O 
Disable REG_EN with GPIO_DBGCFG[4] 
TIM1C4 
TIM1C4 
O 
Timer 1 Channel 4 output 
TIM1C4 
TIM1C4 
I 
Timer 1 Channel 4 input 
6 
REG_EN 
REG_EN 
O 
External regulator open drain output 
 
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com