Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH01 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TH01
Description  Temperature and Humidity Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TH01 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TH01 Datasheet HTML 1Page - List of Unclassifed Manufacturers TH01 Datasheet HTML 2Page - List of Unclassifed Manufacturers TH01 Datasheet HTML 3Page - List of Unclassifed Manufacturers TH01 Datasheet HTML 4Page - List of Unclassifed Manufacturers TH01 Datasheet HTML 5Page - List of Unclassifed Manufacturers TH01 Datasheet HTML 6Page - List of Unclassifed Manufacturers TH01 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TH01
Temperature and Humidity Module
2012-7-2
Version: 1.4
3 Tel: +86‐755‐86096587
Fax: +86‐755‐86096602
E‐mail: sales@hoperf.com
http://www.hoperf.com
Pin Name
Pin
Type
Function
GND
1
G
Power Ground
SCK
2
I
I
2
C clock input
SDA
3
I/O
I²C data input and output
VCC
4P
power VCC
NOTE:
1. The TH01 App temperature under 0℃,the humidity data will keep the last temperature >0℃ data,
The humidity sensor will stop work.
2. The TH01 App temperature less than -20℃, The temperature sensor need change to the out
induce, The humidity function will cancel, Because the TH01 32.768khz only working >-20 ℃ .Working
<-20 the error will too large.
A MODE
Data Format
byte1
byte2
byte3
byte4
tempH
tempL
humi*
crc
Byte1 to Byte4 are Hex format
Temperature data scale 10 then original data.
Negative temperature is complement code
TH01 module can option without humidity, at this
Case this byte will fix 0x00
B MODE
VDD
master
TH01
SCK
SDA
SDA
SCK
TH01
SCK(MODE)
SDA(DATA)
ASK/OOK
RF
Module



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com