Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TH01 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # TH01
Description  Temperature and Humidity Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TH01 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  TH01 Datasheet HTML 1Page - List of Unclassifed Manufacturers TH01 Datasheet HTML 2Page - List of Unclassifed Manufacturers TH01 Datasheet HTML 3Page - List of Unclassifed Manufacturers TH01 Datasheet HTML 4Page - List of Unclassifed Manufacturers TH01 Datasheet HTML 5Page - List of Unclassifed Manufacturers TH01 Datasheet HTML 6Page - List of Unclassifed Manufacturers TH01 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TH01
Temperature and Humidity Module
2012-7-2
Version: 1.4
5 Tel: +86‐755‐86096587
Fax: +86‐755‐86096602
E‐mail: sales@hoperf.com
http://www.hoperf.com
sleep();
//sleep
Clr_SCK();
//falling edge to wakeup TH01
delay_ms(500);
//Low level keep between 500ms and 5 seconds
Set_SCK();
//send_dummy_clock
delay_ms(1);
//dummy high keep >1ms
start_rec_data
//After dummy start the get out data by each clock
B mode
Function
1. Simple Transmitter ASK or OOK.
2. SCK PIN=high, TH01 will auto transmit data by 60 seconds period.
3. Each RF time it will transmit five bytes preamble code followed by five same frames data. Each
frame data format is "SYN + A mode data format”. So each RF time is 168ms~403ms.
4. Any time SCK PIN=high will repeat step2.
RF transmit circle
rf_cycle
rf_time
rf_time
Five same
frames
168ms<rf _time<403ms
rf_cycle=60s
B mode bit format
SYN
488us
6958us
Bit 1
488us
1952us



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com