Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2830XMF/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM2830XMF/NOPB
Description  LM2830/-Q1 High-Frequency 1.0-A Load Step-Down DC-DC Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2830XMF/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LM2830XMF/NOPB Datasheet HTML 1Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 2Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 3Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 4Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 5Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 6Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 7Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 8Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
LM2830, LM2830-Q1
www.ti.com
SNVS454E – AUGUST 2006 – REVISED DECEMBER 2014
6.6 Electrical Characteristics
VIN = 5 V unless otherwise indicated. Typical values correspond to TJ = 25°C. Minimum and maximum limits apply over
–40°C to 125°C junction temperature range unless otherwise stated.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VFB
Feedback Voltage
WSON and SOT-23 Package
0.588
0.600
0.612
V
ΔVFB/VIN Feedback Voltage Line Regulation
VIN = 3 V to 5 V
0.02
%/V
IB
Feedback Input Bias Current
0.1
100
nA
VIN Rising
2.73
2.90
V
Undervoltage Lockout
UVLO
VIN Falling
1.85
2.3
UVLO Hysteresis
0.43
LM2830-X
1.2
1.6
1.95
FSW
Switching Frequency
MHz
LM2830-Z
2.25
3.0
3.75
LM2830-X
86%
94%
DMAX
Maximum Duty Cycle
LM2830-Z
82%
90%
LM2830-X
5%
DMIN
Minimum Duty Cycle
LM2830-Z
7%
WSON Package
150
RDS(ON)
Switch On Resistance
m
Ω
SOT-23 Package
130
195
ICL
Switch Current Limit
VIN = 3.3 V
1.2
1.75
A
Shutdown Threshold Voltage
0.4
VEN_TH
V
Enable Threshold Voltage
1.8
ISW
Switch Leakage
100
nA
IEN
Enable Pin Current
Sink/Source
100
nA
LM2830X VFB = 0.55
3.3
5
mA
Quiescent Current (switching)
IQ
LM2830Z VFB = 0.55
4.3
6.5
mA
Quiescent Current (shutdown)
All Options VEN = 0 V
30
nA
TSD
Thermal Shutdown Temperature
165
°C
Copyright © 2006–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM2830 LM2830-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com