Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2830XMF/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM2830XMF/NOPB
Description  LM2830/-Q1 High-Frequency 1.0-A Load Step-Down DC-DC Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2830XMF/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM2830XMF/NOPB Datasheet HTML 12Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 13Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 14Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 15Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 16Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 17Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 18Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 19Page - Texas Instruments LM2830XMF/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
PCOND= (IOUT
2 x D)
1
3
1 +
x
iL
IOUT
2
RDSON
LM2830, LM2830-Q1
SNVS454E – AUGUST 2006 – REVISED DECEMBER 2014
www.ti.com
Another significant external power loss is the conduction loss in the output inductor. The equation can be
simplified to:
PIND = IOUT
2 × R
DCR
(20)
The conduction loss of the LC2830 device is mainly associated with the internal PFET:
(21)
If the inductor ripple current is fairly small, the conduction losses can be simplified to:
PCOND = IOUT
2 × R
DSON × D
(22)
Switching losses are also associated with the internal PFET. They occur during the switch on and off transition
periods, where voltages and currents overlap resulting in power loss. The simplest means to determine this loss
is to empirically measuring the rise and fall times (10% to 90%) of the switch at the switch node.
Switching Power Loss is calculated as follows:
PSWR = 1/2(VIN × IOUT × FSW × TRISE)
(23)
PSWF = 1/2(VIN × IOUT × FSW × TFALL)
(24)
PSW = PSWR + PSWF
(25)
Another loss is the power required for operation of the internal circuitry:
PQ = IQ × VIN
(26)
IQ is the quiescent operating current, and is typically around 3.3 mA for the 1.6-MHz frequency option.
Table 2 lists typical application power losses.
Table 2. Power Loss Tabulation
Design Parameter
Value
Design Parameter
Value
VIN
5.0 V
VOUT
3.3 V
POUT
3.3 W
IOUT
1.0A
VD
0.45 V
PDIODE
150 mW
FSW
1.6 MHz
IQ
3.3 mA
PQ
17 mW
TRISE
4 nS
PSWR
6 mW
TFALL
4 nS
PSWF
6 mW
RDS(ON)
150 m
Ω
PCOND
100 mW
INDDCR
70 m
Ω
PIND
70 mW
D
0.667
PLOSS
345 mW
η
88%
PINTERNAL
125 mW
ΣPCOND + PSW + PDIODE + PIND + PQ = PLOSS
(27)
ΣPCOND + PSWF + PSWR + PQ = PINTERNAL
(28)
PINTERNAL = 125mW
(29)
16
Submit Documentation Feedback
Copyright © 2006–2014, Texas Instruments Incorporated
Product Folder Links: LM2830 LM2830-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com