Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5006MMX/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM5006MMX/NOPB
Description  LM5006 80V, 600 mA Constant On-Time Buck Switching Regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5006MMX/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM5006MMX/NOPB Datasheet HTML 1Page - Texas Instruments LM5006MMX/NOPB Datasheet HTML 2Page - Texas Instruments LM5006MMX/NOPB Datasheet HTML 3Page - Texas Instruments LM5006MMX/NOPB Datasheet HTML 4Page - Texas Instruments LM5006MMX/NOPB Datasheet HTML 5Page - Texas Instruments LM5006MMX/NOPB Datasheet HTML 6Page - Texas Instruments LM5006MMX/NOPB Datasheet HTML 7Page - Texas Instruments LM5006MMX/NOPB Datasheet HTML 8Page - Texas Instruments LM5006MMX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
1
2
3
4
5
10
9
8
7
6
VIN
VCC
RT
FB
UVO
SW
BST
LG
RTN
UV
LM5006
SNVS646B – FEBRUARY 2011 – REVISED MARCH 2013
www.ti.com
Connection Diagram
Figure 1. Top View
10–Lead VSSOP
PIN DESCRIPTIONS
Pin
Name
Description
Application Information
1
SW
Switching Node
Power switching node. Connect to the output inductor, re-circulating diode or
synchronous FET, and bootstrap capacitor.
2
BST
Boost Pin
An external capacitor is required between the BST and the SW pins (0.01uF or
greater ceramic). The BST pin capacitor is charged from Vcc through an internal
diode when SW is low.
3
LG
Low side gate driver output for
This output drives an external N-MOSFET which can replace the free-wheeling
synchronous rectifier MOSFET
diode between SW and GND. Using a FET for synchronous rectification
generally improves efficiency.
4
RTN
Ground pin
Ground for the entire circuit.
5
UV
Input pin for the under voltage
A resistor divider from VIN, or some other system voltage, programs the under-
indicator
voltage detection threshold. An internal current sink is enabled when UV is
below 2.5V to provide hysteresis.
6
UVO
Under voltage status indicator
This open drain output is high when the UV pin voltage is below 2.5V, or when
the VCCUVLO function or the shutdown function is invoked.
7
FB
Feedback Input from Regulated
This pin is connected to the inverting input of the internal regulation comparator.
Output
The regulation level is 2.5V.
8
RT/SD
On-time set pin and shutdown input
A resistor between this pin and Vin sets the switch on-time as a function of Vin,
and the frequency. The minimum recommended on-time is 200 ns at max input
voltage. Taking this pin to ground shuts off the regulator.
9
VCC
Output from the internal high voltage
The internal regulator provides bias supply for the Buck switch gate driver and
series pass regulator. Regulated at
other internal circuitry. A 1uF ceramic capacitor to ground is required. The
7.5V.
regulator is current limited to
≈30 mA.
10
VIN
Input Voltage
The operating input range is 6V to 75V
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM5006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com