Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5006MMX/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM5006MMX/NOPB
Description  LM5006 80V, 600 mA Constant On-Time Buck Switching Regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5006MMX/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM5006MMX/NOPB Datasheet HTML 17Page - Texas Instruments LM5006MMX/NOPB Datasheet HTML 18Page - Texas Instruments LM5006MMX/NOPB Datasheet HTML 19Page - Texas Instruments LM5006MMX/NOPB Datasheet HTML 20Page - Texas Instruments LM5006MMX/NOPB Datasheet HTML 21Page - Texas Instruments LM5006MMX/NOPB Datasheet HTML 22Page - Texas Instruments LM5006MMX/NOPB Datasheet HTML 23Page - Texas Instruments LM5006MMX/NOPB Datasheet HTML 24Page - Texas Instruments LM5006MMX/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
2
L1
OUT
L
P
I
R
1.1
=
´
´
LM5006
www.ti.com
SNVS646B – FEBRUARY 2011 – REVISED MARCH 2013
current switches between these two loops with each transition from on-time to off-time and back to on-time, it is
imperative that the ground end of C1 have a short and direct connection to D1’s anode (or Q1’s source), without
going through vias or a lengthy route. The power dissipation in the LM5006 can be approximated by determining
the total conversion loss (PIN – POUT), and then subtracting the power losses in D1 (or Q1), and in the inductor.
The power loss in the diode is approximately:
PD1 = IOUT x VF x (1–D)
where
•
VF is the diode’s forward voltage drop
•
D is the on-time duty cycle
(24)
The average power dissipation in the synchronous rectifier (Q1) is calculated from:
PQ1 = IOUT
2 x R
DS (on) x (1–D)
where
•
RDS(on) is the device’s on-resistance
•
D is the on-time duty cycle
(25)
The power loss in the inductor is approximately:
where
•
RL is the inductor DC resistance
•
the 1.1 factor is an approximation for the AC losses
(26)
If it is expected that the internal dissipation of the LM5006 will produce excessive junction temperatures during
normal operation, good use of the PC board’s ground plane can help to dissipate heat. Additionally the use of
wide PC board traces, where possible, can help conduct heat away from the IC. Judicious positioning of the PC
board within the end product, along with the use of any available air flow (forced or natural convection) can help
reduce the junction temperature.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM5006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com