Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5009AMM/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM5009AMM/NOPB
Description  100-V 150-mA Constant On-Time Buck Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5009AMM/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM5009AMM/NOPB Datasheet HTML 3Page - Texas Instruments LM5009AMM/NOPB Datasheet HTML 4Page - Texas Instruments LM5009AMM/NOPB Datasheet HTML 5Page - Texas Instruments LM5009AMM/NOPB Datasheet HTML 6Page - Texas Instruments LM5009AMM/NOPB Datasheet HTML 7Page - Texas Instruments LM5009AMM/NOPB Datasheet HTML 8Page - Texas Instruments LM5009AMM/NOPB Datasheet HTML 9Page - Texas Instruments LM5009AMM/NOPB Datasheet HTML 10Page - Texas Instruments LM5009AMM/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
FB
SW
L1
C2
RFB2
VOUT2
R3
LM5009A
RFB1
F =
VOUT
1.385 x 10
-10 x RT
LM5009A
www.ti.com
SNVS608G – JUNE 2009 – REVISED FEBRUARY 2013
where RL = the load resistance
In continuous conduction mode, current flows continuously through the inductor and never ramps down to zero.
In this mode the operating frequency is greater than the discontinuous mode frequency and remains relatively
constant with load and line variations. The approximate continuous mode operating frequency can be calculated
as follows:
(2)
The output voltage (VOUT) is programmed by two external resistors as shown in the Block Diagram. The
regulation point can be calculated as follows:
VOUT = 2.5 x (RFB1 + RFB2) / RFB1
(3)
The LM5009A regulates the output voltage based on ripple voltage at the feedback input, requiring a minimum
amount of ESR for the output capacitor C2. A minimum of 25mV to 50mV of ripple voltage at the feedback pin
(FB) is required for the LM5009A. In cases where the capacitor ESR is too small, additional series resistance
may be required (R3 in the Block Diagram).
For applications where lower output voltage ripple is required the output can be taken directly from a low ESR
output capacitor, as shown in Figure 9. However, R3 slightly degrades the load regulation.
Figure 9. Low Ripple Output Configuration
Start-Up Regulator (VCC)
The high voltage bias regulator is integrated within the LM5009A. The input pin (VIN) can be connected directly
to line voltages between 6V and 95V, with transient capability to 100V. Referring to the block diagram and the
graph of VCC vs VIN, when VIN is between 6V and the bypass threshold (nominally 8.5V), the bypass switch (Q2)
is on, and VCC tracks VIN within 100 mV to 150 mV. The bypass switch on-resistance is approximately 100Ω, with
inherent current limiting at approximately 100 mA. When VIN is above the bypass threshold Q2 is turned off, and
VCC is regulated at 7V. The VCC regulator output current is limited at approximately 9.2 mA. When the LM5009A
is shutdown using the RT/SD pin, the VCC bypass switch is shut off regardless of the voltage at VIN.
When VIN exceeds the bypass threshold, the time required for Q2 to shut off is approximately 2 - 3 µs. The
capacitor at VCC (C3) must be a minimum of 0.47 µF to prevent the voltage at VCC from rising above its
absolute maximum rating in response to a step input applied at VIN. C3 must be located as close as possible to
the VCC and RTN pins. In applications with a relatively high input voltage, power dissipation in the bias regulator
is a concern. An auxiliary voltage of between 7.5V and 14V can be diode connected to the VCC pin to shut off
the VCC regulator, thereby reducing internal power dissipation. The current required into the VCC pin is shown in
the graph “ICC Current vs. Applied VCC Voltage”. Internally a diode connects VCC to VIN requiring that the
auxiliary voltage be less than VIN.
The turn-on sequence is shown in Figure 10. During the initial delay (t1) VCC ramps up at a rate determined by
its current limit and C3 while internal circuitry stabilizes. When VCC reaches the upper threshold of its under-
voltage lock-out (UVLO, typically 5.3V) the buck switch is enabled. The inductor current increases to the current
limit threshold (ILIM) and during t2 VOUT increases as the output capacitor charges up. When VOUT reaches the
intended voltage the average inductor current decreases (t3) to the nominal load current (IO).
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM5009A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com