Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5009AMM/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM5009AMM/NOPB
Description  100-V 150-mA Constant On-Time Buck Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5009AMM/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM5009AMM/NOPB Datasheet HTML 1Page - Texas Instruments LM5009AMM/NOPB Datasheet HTML 2Page - Texas Instruments LM5009AMM/NOPB Datasheet HTML 3Page - Texas Instruments LM5009AMM/NOPB Datasheet HTML 4Page - Texas Instruments LM5009AMM/NOPB Datasheet HTML 5Page - Texas Instruments LM5009AMM/NOPB Datasheet HTML 6Page - Texas Instruments LM5009AMM/NOPB Datasheet HTML 7Page - Texas Instruments LM5009AMM/NOPB Datasheet HTML 8Page - Texas Instruments LM5009AMM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
8
7
6
5
4
3
2
1
FB
VIN
Exposed Pad on Bottom
Connect to Ground
VCC
RT/SD
SW
BST
RCL
RTN
1
2
3
4
5
8
7
6
FB
VIN
VCC
RT/SD
SW
BST
RCL
RTN
LM5009A
SNVS608G – JUNE 2009 – REVISED FEBRUARY 2013
www.ti.com
Connection Diagram
Figure 1. Top View
Figure 2. Top View
8-Lead WSON
8-Lead VSSOP
Pin Functions
Table 1. Pin Descriptions
Pin
Name
Description
Application Information
1
SW
Switching node
Power switching node. Connect to the output inductor, re-circulating diode, and
bootstrap capacitor.
2
BST
Boost pin (bootstrap capacitor
An external capacitor is required between the BST and the SW pins. A 0.01 µF
input)
ceramic capacitor is recommended. An internal diode charges the capacitor from VCC
during each off-time.
3
RCL
Current limit OFF time set pin
A resistor between this pin and RTN sets the off-time when current limit is detected.
The off-time is preset to 35 µs if FB = 0V.
4
RTN
Ground pin
Ground for the entire circuit.
5
FB
Feedback input from regulated
This pin is connected to the inverting input of the internal regulation comparator. The
output
regulation threshold is 2.5V.
6
RT/SD
On time set pin
A resistor between this pin and VIN sets the switch on time as a function of VIN. The
minimum recommended on time is 400 ns at the maximum input voltage. This pin can
be used for remote shutdown.
7
VCC
Output from the internal high
This regulated voltage provides gate drive power for the internal Buck switch. An
voltage series pass regulator.
internal diode is provided between this pin and the BST pin. A local 0.47 µF
decoupling capacitor is required. The series pass regulator is current limited to 9 mA.
8
VIN
Input voltage
Input operating range: 6V to 95V.
EP
Exposed pad
The exposed pad has no electrical contact. Connect to system ground plane for
reduced thermal resistance.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM5009A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com