Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE3C0230 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE3C0230
Description  SMA Male to SMA Male Low Loss Armored
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C0230 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3C0230 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C0230 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C0230 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C0230 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
Frequency 4
Frequency, GHz
10
Insertion Loss
0.25 dB/ft [0.82 dB/m ]
Frequency 5
Frequency, GHz
18
Insertion Loss
0.36 dB/ft [1.18 dB/m ]
Electrical Specification Notes:
For Custom Lengths Please Call (866)727-8376
Mechanical Specifications
Cable Assembly
Cable Type
PE-P142LL
Temperature
Temperature Operating Range, deg C
-55 to +200
Diameter, in [mm]
0.45 [11.43]
.
Weight, lbs [g]
0.4 [181.44]
Repeated Minimum Bend Radius, in [mm]
1 [25.4]
Cable
Center Conductor Type
Solid
Cable Inner Conductor
Copper, Silver
No of Shields
3
Cable Outer Conductor
Copper, Silver
Dielectric Type
PTFE
Jacket Material
Stainless Steel
Jacket Diameter, in [mm]
0.31 [7.87]
Connector 1
Type
SMA Male
Configuration
Straight
Inner Conductor Material and Plating
Brass, Gold
Coupling Nut Material and Plating
Passivated Stainless Steel
Body Material and Plating
Passivated Stainless Steel
Connector 2
Type
SMA Male
Configuration
Straight
Inner Conductor Material and Plating
Brass, Gold
Coupling Nut Material and Plating
Passivated Stainless Steel
Body Material and Plating
Passivated Stainless Steel
PE3C0230 REV 1.1
PE3C0230
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to SMA Male Low Loss Armored Test Cable Using PE-P142LL Coax PE3C0230
SMA Male to SMA Male Low Loss Armored
Test Cable Using PE-P142LL Coax



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com