Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE3C0230 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3C0230
Description  SMA Male to SMA Male Low Loss Armored
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C0230 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C0230 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C0230 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C0230 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C0230 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
Armored SMA Male to SMA Male Low Loss Test Cable Using PE-P142LL Coax
Pasternack’s new SMA and Type-N armored test cables utilize a flexible Passivated Stainless Steel armoring that is de-
signed to handle harsh industrial environments, common in production test systems. Its rugged armoring is very flexible
and ensures RF signal integrity during test, even when exposed to a high traffic production environment. These armored
RF test cables are equipped with Passivated Stainless Steel connectors, with the SMA designed to operate to 20 GHz
and the N to 18 GHz. A robust mechanical connector/armoring interface increases the durability of the test cables, and its
strain relief boot increases the life of the test cable. Pasternack’s armored test cables are built using PE-P142LL coaxial
cable that is triple shielded with an expanded PTFE dielectric, guaranteeing low loss performance.
• Passivated Stainless Steel Flexible Armoring
• Type N Male to N Male and SMA Male to SMA Male Configurations Available
• Robust Connector/Armor Interface
• Triple Shielded Low Loss PE-P142LL coax with Expanded PTFE Tape Dielectric
• Standard inch lengths: 24”, 36”, 48”, 60”, 72”,120”
• Standard Metric lengths: 50CM, 100CM, 150CM, 200CM
• SMA rated to 20 GHz with a 1.35:1 VSWR
• N Type rated to 18 GHz with a 1.35:1 VSWR
• Custom lengths avaiable, call for pricing and lead time
Configuration
Connector 1
SMA Male
Connector 2
SMA Male
Cable Type
PE-P142LL
Electrical Specifications
Frequency Range, GHz
DC to 20
Impedance, Ohms
50
Maximum VSWR
1.35:1
Velocity of Propagation, %
80
Typical Performance by Frequency
Frequency 1
Frequency, MHz
1000
Insertion Loss
0.08 dB/ft [0.26 dB/m ]
Frequency 2
Frequency, GHz
3
Insertion Loss
0.14 dB/ft [0.46 dB/m ]
Frequency 3
Frequency, GHz
5
Insertion Loss
0.18 dB/ft [0.59 dB/m ]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to SMA Male Low Loss Armored Test Cable Using PE-P142LL Coax PE3C0230
PE3C0230 REV 1.1
PE3C0230
SMA Male to SMA Male Low Loss Armored
Test Cable Using PE-P142LL Coax


Similar Part No. - PE3C0230

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C0230-100CM PASTERNACK-PE3C0230-100CM Datasheet
414Kb / 4P
SMA Male to SMA Male Low Loss Cable 100 cm Length Using PE-P142LL Coax with HeatShrink
PE3C0230-12 PASTERNACK-PE3C0230-12 Datasheet
414Kb / 4P
SMA Male to SMA Male Low Loss Cable 12 Inch Length Using PE-P142LL Coax with HeatShrink
PE3C0230-120 PASTERNACK-PE3C0230-120 Datasheet
414Kb / 4P
SMA Male to SMA Male Low Loss Cable 120 Inch Length Using PE-P142LL Coax with HeatShrink
PE3C0230-150CM PASTERNACK-PE3C0230-150CM Datasheet
414Kb / 4P
SMA Male to SMA Male Low Loss Cable 150 cmLength Using PE-P142LL Coax with HeatShrink
PE3C0230-200CM PASTERNACK-PE3C0230-200CM Datasheet
414Kb / 4P
SMA Male to SMA Male Low Loss Cable 200 cm Length Using PE-P142LL Coax with HeatShrink
More results

Similar Description - PE3C0230

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9069 PASTERNACK-PE9069 Datasheet
250Kb / 3P
SMA Male to SMA Male Adapter
PE3C0230-72 PASTERNACK-PE3C0230-72 Datasheet
277Kb / 4P
SMA Male to SMA Male Low Loss Armored Test
PE332 PASTERNACK-PE332 Datasheet
356Kb / 5P
N Male to SMA Male Low Loss Test Cable
PE3M0125 PASTERNACK-PE3M0125 Datasheet
729Kb / 7P
Temperature Conditioned SMA Male to SMA Male Low Loss Cable
PE3M0126 PASTERNACK-PE3M0126 Datasheet
730Kb / 7P
Temperature Conditioned SMA Male to SMA Female Low Loss Cable
PE3M0128 PASTERNACK-PE3M0128 Datasheet
731Kb / 7P
Temperature Conditioned SMA Male to SMA Male Right Angle Low Loss Cable
PE3M0180 PASTERNACK-PE3M0180 Datasheet
723Kb / 7P
Temperature Conditioned SMA Male to SMA Male Low Loss Cable
PE3M0182 PASTERNACK-PE3M0182 Datasheet
725Kb / 7P
Temperature Conditioned SMA Male to SMA Male Right Angle Low Loss Cable
PE3M0225 PASTERNACK-PE3M0225 Datasheet
716Kb / 7P
Temperature Conditioned SMA Male to SMA Male Low Loss Cable
PE3M0226 PASTERNACK-PE3M0226 Datasheet
719Kb / 7P
Temperature Conditioned SMA Male to SMA Male Right Angle Low Loss Cable
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com