Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HF49FDI Datasheet(PDF) 1 Page - Hongfa Technology

Part # HF49FDI
Description  MINIATURE POWER RELAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF49FDI Datasheet(HTML) 1 Page - Hongfa Technology

  HF49FDI Datasheet HTML 1Page - Hongfa Technology HF49FDI Datasheet HTML 2Page - Hongfa Technology HF49FDI Datasheet HTML 3Page - Hongfa Technology HF49FDI Datasheet HTML 4Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
JPOIHC SGMCZ
KTP?6672 KTP5UT7<?:? 2 KTP7:6672 PJTCT7>6672 KGER RE 6>6666 EGSUKHKGF
867; S_p4 7479
7C
6KGWXUKV
Eicf jiq_l
3=9:
Flij3ion
Wifn[a_
WFE
gch4
N[r4
Wifn[a_ WFE
[n >;
Fc_f_]nlc]
mnl_hanb
D_nq__h ]icf . ]ihn[]nm
D_nq__h ij_h ]ihn[]nm
3=<A13A 41A1
Eihn[]n S_mcmn[h]_
/[n 7C <WFE0
Eihn[]n g[n_lc[f
N[r4 mqcn]bcha jiq_l
Oiaif^ jf[n_^@ 766g g[r4
Iif^ jf[n_^@ ;6g g[r4
CaThP82 CaOc
78;6WC 5 7;6X
8r76=PQT
Eihn[]n l[ncha
/S_m4 fi[^0
N[r4 mqcn]bcha pifn[a_
N[r4 mqcn]bcha ]oll_hn
;C 8;6WCE596WFE
8;6WCE 596WFE
;C
N_]b[hc][f _h^ol[h]_
<SWKV0 70 Cff [\ip_ ^[n[ [l_ n_mn_^ qb_h nb_ l_f[sm n_lgch[fm [l_ ^iqhq[l^
jimcncih4 Pnb_l jimcncihm i` nb_ n_lgch[fm2 nb_ jc]e3oj [h^ ^lij3
ion pifn[a_m qcff b[p_ ;- nif_l[h]_4 Hil _r[gjf_2 qb_h nb_ l_f[s
n_lgch[fm [l_ nl[hmp_lm_ jimcncih2 nb_ g[r4 jc]e3oj pifn[a_ ]b[ha_
cm =;- i` higch[f pifn[a_4
80
1N[rcgog pifn[a_ l_`_lm ni nb_ g[rcgog pifn[a_ qbc]b l_f[s
]icf ]iof^ _h^ol_ ch [ mbiln j_lci^ i` ncg_4
90 8:WFE 786gX nsj_ [l_ [fmi[p[cf[\f_2 jf_[m_ m__ il^_lcha
ch`ilg[ncih `il gil_ ^_n[cfm4
Hcf_ Oi4 @ G799:>7
Hcf_ Oi4 @ S;67:?99:
Hcf_ Oi4@ERE766686:?7<8
Cjjlir4 786gX /[n ;WFE ni 7>WFE0
Cjjlir4 7>6gX /[n 8:WFE0
<SWKV070 Nch4 ]ihn[]n fi[^ cm l_`_l_h]_ p[fo_4 Qf_[m_ j_l`ilg nb_
]ih`clg[ncih n_mn qcnb nb_ []no[f fi[^ \_`il_ om[a_ mch]_ l_`_l_h]_
p[fo_ g[s ]b[ha_ []]il^cha ni mqcn]bcha `l_ko_h]c_m2
_hpclihg_hn[f ]ih^cncihm [h^ _rj_]n_^ fc`_ ]s]f_m4
Nch4 ]ihn[]n fi[^ 70
Oiaif^ jf[n_^@ ;WFE 76gC
Iif^ jf[n_^@ ;WFE 7gC
1
<SWKV0 70 Cff p[fo_m ohmj_]c`c_^ [l_ [n liig n_gj_l[nol_4
80 Phfs nsjc][f fi[^m [l_ fcmn_^ [\ip_4 Pnb_l fi[^ mj_]c`c][ncihm
][h \_ [p[cf[\f_ ojih l_ko_mn4
7r76;PQT /9C 8;6WCE596WFE2
S_mcmncp_ fi[^2 CaOc2 [n >;iE2 7m ih ?m i``0
;r76:PQT /;C 8;6WCE596WFE2
S_mcmncp_ fi[^2 CaOc2 Siig n_gj42
7m ih?mi``0
Gf_]nlc][f _h^ol[h]_
C
45
Hcf_ Oi4 @ :6699<::
8=
` ;C mqcn]bcha ][j[\cfcns
` 9eW ^c_f_]nlc] mnl_hanb /\_nq__h ]icf [h^ ]ihn[]nm0
` Tfcg mct_ /qc^nb ;gg2 b_cabn 784;gg0
` Jcab m_hmcncp_@ Nch4 786gX
` N__nm KGE<779738 l_ch`il]_ chmof[ncih
` El__j[a_5]f_[l[h]_ ^cmn[h]_@ Nch4 94;gg
` Ti]e_nm [p[cf[\f_
` VM chmof[ncih msmn_g@ Ef[mm H [p[cf[\f_
` Ghpclihg_hn[f `lc_h^fs jli^o]n /SiJT ]igjfc[hn0
` Ponfch_ Fcg_hmcihm@ /8646 r ;46 r 784;0 gg
86./64
;9<91AB?5 >=D5? ?5:1F
3=9: 41A1
Eicf
S_mcmn[h]_
Oigch[f
Wifn[a_
WFE
Qc]e3oj
Wifn[a_
WFE
g[r4
;
<
?
648;
6496
64:;
94;6
:486
<496
78
7>
8:
>4:6
784<
7<4>
64<6
64?6
7486
<46
=48
764>
7:4:
8>4>
874<
Eihn[]n [ll[ha_g_hn
@165AF 1>>?=C1: ?1A9<7@
381?13A5?9@A93@
Khmof[ncih l_mcmn[h]_
Pj_l[n_ ncg_ /[n higc4pifn40
S_f_[m_ ncg_ /[n higc4pifn40
Cg\c_hn n_gj_l[nol_
Jogc^cns
Wc\l[ncih l_mcmn[h]_
U_lgch[ncih
Vhcn q_cabn
Eihmnlo]ncih
7666N /[n ;66WFE0
9666WCE 7gch
76gm g[r4
;gm g[r4
3:6
ni>;
;- ni>;- SJ
76Jt ni;;Jt 74;gg FC
QED
Cjjlir4 9a
Qf[mnc] m_[f_^
7666WCE 7gch
Tbi]e l_mcmn[h]_
Hoh]ncih[f
F_mnlo]ncp_
?>g5m8
?>6g5m8
[n 89
86>r/7 76-0
966r/7 76-0
<=;r/7 76-0
7866 r /7 76-0
8=66 r /7 7;-0
9866 r /7 7;-0
Tola_ pifn[a_/\_nq__h ]icf . ]ihn[]nm0
<eW /748 5 ;6wm0
A\C
CaOc
CaThP8
7J7
7J8
C45
CaOc
B:+3B:
9C 8;6WCE EPTxB7 [n >;iE
;C 8;6WCE EPTxB7
9C 96WFE M5S B6gm [n >;iE
;C 96WFE M5S B6gm
;C 8;6WCE EPTxB7 [n =6iE
;C 96WFE M5S B6gm [n =6iE
9C 8;6WCE EPTxB7 [n >;iE
;C 8;6WCE EPTxB7
9C 96WFE M5S B6gm [n >;iE
;C 96WFE M5S B6gm
;C 8;6WCE EPTxB7 [n >;iE
;C 96WFE M5S B6gm [n >;iE
<SWKV0 70 Ub_ ^[n[ mbiqh [\ip_ [l_ chcnc[f p[fo_m4
80 Qf_[m_ `ch^ ]icf n_gj_l[nol_ ]olp_ ch nb_ ]b[l[]n_lcmnc] ]olp_m \_fiq4
90 VM chmof[ncih msmn_g@ Ef[mm H
2 Ef[mm D2 Ef[mm C4


Similar Part No. - HF49FDI

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF49FD HONGFA-HF49FD Datasheet
57Kb / 3P
MINIATURE POWER RELAY
HF49FD HONGFA-HF49FD Datasheet
61Kb / 3P
MINIATURE POWER RELAY
HF49FD/005-1H11BXXX HONGFA-HF49FD/005-1H11BXXX Datasheet
57Kb / 3P
MINIATURE POWER RELAY
HF49FD/005-1H11FXXX HONGFA-HF49FD/005-1H11FXXX Datasheet
57Kb / 3P
MINIATURE POWER RELAY
HF49FD/005-1H11GBXXX HONGFA-HF49FD/005-1H11GBXXX Datasheet
57Kb / 3P
MINIATURE POWER RELAY
More results

Similar Description - HF49FDI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ726 ETC-AZ726 Datasheet
77Kb / 2P
MINIATURE POWER RELAY
AZ961 ETC1-AZ961 Datasheet
62Kb / 2P
MINIATURE POWER RELAY
AZ732 ETC1-AZ732 Datasheet
18Kb / 1P
MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ169 ZETTLER-AZ169 Datasheet
168Kb / 2P
MINIATURE POWER RELAY
logo
Tyco Electronics
PTF MACOM-PTF Datasheet
199Kb / 3P
Miniature Power Relay
logo
American Zettler, Inc.
AZ166 AZETTLER-AZ166 Datasheet
115Kb / 3P
MINIATURE POWER RELAY
AZ672 AZETTLER-AZ672 Datasheet
76Kb / 2P
MINIATURE POWER RELAY
AZ725 AZETTLER-AZ725 Datasheet
92Kb / 2P
MINIATURE POWER RELAY
AZ726 AZETTLER-AZ726 Datasheet
120Kb / 2P
MINIATURE POWER RELAY
logo
OEN India Limited
55H-12-1A OENINDIA-55H-12-1A Datasheet
142Kb / 1P
MINIATURE POWER RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com