Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HF49FDI Datasheet(PDF) 3 Page - Hongfa Technology

Part # HF49FDI
Description  MINIATURE POWER RELAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF49FDI Datasheet(HTML) 3 Page - Hongfa Technology

  HF49FDI Datasheet HTML 1Page - Hongfa Technology HF49FDI Datasheet HTML 2Page - Hongfa Technology HF49FDI Datasheet HTML 3Page - Hongfa Technology HF49FDI Datasheet HTML 4Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
6KGWXUKV
Fc_f_]nlc] Tnl_hanb
gch4
Hcf_ Oi4 @ G8;99=6
381?13A5?9@A93 3B?C5@
NCYKNVN TXKUEJKOI QPXGS
Eihn[]n Wifn[a_ /W0
GOFVSCOEG EVSWG
EPKM UGNQGSCUVSG SKTG
Eihn[]n Eoll_hn /C0
Q_l]_hn[a_ P` Oigch[f Eicf Wifn[a_
CE
FE
67
8
9
:;
;66
766
;6
76
FE
76
6
96
766
866 966 :66 ;66
CE
9
8
7
648
;
76
AKVW ISRJNWNSRV0
7J7@ CaOc2 S_mcmncp_ fi[^2 8;6WCE596WFE2
Siig n_gj42 7m ih ?m i``4
;C
>6
=6
<6
;6
:6
6
766
776
786
796
7:6
7;6
AKVW ISRJNWNSRV0
;C >;_
/Usjc][f ]olp_ i` 8:WFE mn[h^[l^ nsj_0
8?
:?H5:?HC
8666WCE
8;6WCE
=C
3:6
ni=6
:?H
:?HC
l_gip[f niif
:?H3D
?KPG[ @SIOKWV
` Ub_ ^c_f_]nlc] mnl_hanb ][h l_[]b 8666WCE
[h^ nb_ chmof[ncih l_mcmn[h]_ cm 7666N
` Eigjih_hnm [p[cf[\f_@ S_gip[f niif
` Ghpclihg_hn[f `lc_h^fs jli^o]n /SiJT ]igjfc[hn0
Usj_
381?13A5?9@A93@
Oigch[f Wifn[a_
Cg\c_hn U_gj_l[nol_
Oigch[f Eoll_hn
=BA:9<5 49;5<@9=<@* D9?9<74917?1; 1<4 >3 2=1?4 :1F=BA
Vhcn@ gg
Ti]e_n
QED M[sion
Ponfch_ Fcg_hmcihm
Eigjih_hnm
Cp[cf[\f_
l_gip[f niif
:?H3D
/Uij Wc_q0
/Uij Wc_q0
QED n_lgch[f2
QED il T]l_q giohncha
Cjjfc][ncih `il
JH:?HF5YYY37JY7YYY
QED n_lgch[f2
QED il T]l_q giohncha
Cjjfc][ncih `il
JH:?HF5YYY37JY8YYY
:3x748
84;:
7647<
;46>
=4<8
:3x748
=4<8
84;:
/Uij Wc_q0
884<
747
64>
84;:
;46>
<4:
7647<
64:
=4<8
64>
84;:
<4:
=4<8
64:
/Uij Wc_q0
884<
747



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com