Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N60G-AB3-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 1N60G-AB3-R
Description  N-CHANNEL ENHANCEMENT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1N60G-AB3-R Datasheet(HTML) 4 Page - Unisonic Technologies

  1N60G-AB3-R Datasheet HTML 1Page - Unisonic Technologies 1N60G-AB3-R Datasheet HTML 2Page - Unisonic Technologies 1N60G-AB3-R Datasheet HTML 3Page - Unisonic Technologies 1N60G-AB3-R Datasheet HTML 4Page - Unisonic Technologies 1N60G-AB3-R Datasheet HTML 5Page - Unisonic Technologies 1N60G-AB3-R Datasheet HTML 6Page - Unisonic Technologies 1N60G-AB3-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
1N60-KW
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R205-054.D
ELECTRICAL CHARACTERISTICS (TC=25°C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=250μA
600
V
Drain-Source Leakage Current
IDSS
VDS=600V, VGS=0V
10
μA
Forward
VGS=30V, VDS=0V
100
nA
Gate-Source Leakage Current
Reverse
IGSS
VGS=-30V, VDS=0V
-100
nA
Breakdown Voltage Temperature Coefficient △BVDSS △
/TJ ID=250μA
0.4
V/°С
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250μA
2.0
4.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=0.5A
12
15
Ω
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
150
pF
Output Capacitance
COSS
17.5
pF
Reverse Transfer Capacitance
CRSS
VDS=25V, VGS=0V, f=1MHz
4.6
pF
SWITCHING CHARACTERISTICS
Total Gate Charge
QG
8
nC
Gate-Source Charge
QGS
1.8
nC
Gate-Drain Charge
QGD
VDS=50V, ID=1.3A, RG=3.3kΩ
VGS=10V, (Note 2,3)
1.3
nC
Turn-On Delay Time
tD(ON)
15
ns
Turn-On Rise Time
tR
30
ns
Turn-Off Delay Time
tD(OFF)
26
ns
Turn-Off Fall Time
tF
VDD=30V, ID=1A, RG=25Ω,
VGS=10V (Note 2,3)
35
ns
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage
VSD
VGS=0V, IS =1A
1.4
V
Maximum Continuous Drain-Source Diode
Forward Current
IS
1.0
A
Maximum Pulsed Drain-Source Diode
Forward Current
ISM
4.0
A
Notes: 1. Repetitive Rating: Pulse width limited by maximum junction temperature
2. Pulse Test: Pulse Width ≤300μs, Duty Cycle≤2%
3. Essentially Independent of Operating Temperature



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com