Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N60G-AB3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 1N60G-AB3-R
Description  N-CHANNEL ENHANCEMENT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1N60G-AB3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  1N60G-AB3-R Datasheet HTML 1Page - Unisonic Technologies 1N60G-AB3-R Datasheet HTML 2Page - Unisonic Technologies 1N60G-AB3-R Datasheet HTML 3Page - Unisonic Technologies 1N60G-AB3-R Datasheet HTML 4Page - Unisonic Technologies 1N60G-AB3-R Datasheet HTML 5Page - Unisonic Technologies 1N60G-AB3-R Datasheet HTML 6Page - Unisonic Technologies 1N60G-AB3-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
1N60-KW
Power MOSFET
www.unisonic.com.tw
1 of 7
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R205-054.D
1A, 600V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 1N60-KW is a high voltage MOSFET and is
designed to have better characteristics, such as fast switching
time, low gate charge, low on-state resistance and have a high
rugged avalanche characteristics. This power MOSFET is usually
used at high speed switching applications in power supplies,
PWM motor controls, high efficient DC to DC converters and
bridge circuits.
FEATURES
* RDS(ON) < 15Ω @ VGS=10V, ID=0.5A
* Fast switching capability
* Avalanche energy specified
* Improved dv/dt capability, high ruggedness
SYMBOL
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
-
1N60G-AA3-R
SOT-223
G
D
S
Tape Reel
-
1N60G-AB3-R
SOT-89
G
D
S
Tape Reel
1N60L-TM3-T
1N60G-TM3-T
TO-251
G
D
S
Tube
1N60L-TN3-R
1N60G-TN3-R
TO-252
G
D
S
Tape Reel
1N60L-T92-B
1N60G-T92-B
TO-92
G
D
S
Tape Box
1N60L-T92-K
1N60G-T92-K
TO-92
G
D
S
Bulk
Note: Pin Assignment: G: Gate
D: Drain
S: Source


Similar Part No. - 1N60G-AB3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
1N60G-AA3-R UTC-1N60G-AA3-R Datasheet
282Kb / 6P
1.2A, 600V N-CHANNEL POWER MOSFET
1N60G-AA3-R UTC-1N60G-AA3-R Datasheet
361Kb / 7P
N-CHANNEL POWER MOSFET
More results

Similar Description - 1N60G-AB3-R

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
2N7000 TRSYS-2N7000 Datasheet
288Kb / 3P
N-CHANNEL-ENHANCEMENT
2N7002LT1 TRSYS-2N7002LT1 Datasheet
343Kb / 4P
N-CHANNEL ENHANCEMENT
logo
Seme LAB
IRFF230 SEME-LAB-IRFF230 Datasheet
42Kb / 2P
N-CHANNEL ENHANCEMENT
logo
New Jersey Semi-Conduct...
2N4351 NJSEMI-2N4351 Datasheet
142Kb / 1P
N-CHANNEL ENHANCEMENT
logo
Yea Shin Technology Co....
2N7002E YEASHIN-2N7002E Datasheet
999Kb / 4P
N-CHANNEL ENHANCEMENT
logo
Calogic, LLC
3N170 CALOGIC-3N170_15 Datasheet
35Kb / 2P
N-Channel Enhancement
logo
Unisonic Technologies
UT6898 UTC-UT6898_15 Datasheet
214Kb / 5P
N-CHANNEL ENHANCEMENT
1N40A UTC-1N40A Datasheet
183Kb / 5P
N-CHANNEL ENHANCEMENT
2N70K-MT UTC-2N70K-MT Datasheet
351Kb / 7P
N-CHANNEL ENHANCEMENT
logo
List of Unclassifed Man...
FTP14N50C ETC1-FTP14N50C Datasheet
54Kb / 6P
N-Channel Enhancement
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com