Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

280-059S Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 280-059S
Description  HiPer-D Combo Connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

280-059S Datasheet(HTML) 1 Page - Glenair, Inc.

  280-059S Datasheet HTML 1Page - Glenair, Inc. 280-059S Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
C-32
© 2013 Glenair, Inc • 1211 Air Way, Glendale, CA 91201 • 818-247-6000 • www.glenair.com • U.S. CAGE code 06324
series 28
HiPer-D Combo Connectors
C
Ordering Information
Sample Part Number
280-059S
5-24W7 ME G
Basic Part Number
280-059S
Shell Size-
Contact Arrangement
Contact Arrangements are shown in the adjacent
table
Shell Finish
ME = Electroless Nickel (RoHS)
MT = Nickel-PTFE (RoHS)
JF = Cadmium with Yellow Chromate
Z2 = Gold (RoHS)
Z1 = Passivated Stainless Steel (RoHS)
Mating Hardware
N = No Hardware
G = Male Guide Pins
B = Female Guide Bushings
Materials and Finishes
Shell
Aluminum alloy
Contacts
Copper alloy, 50 microinches gold
Insulators
Thermoset epoxy
Retention Clips
Copper alloy
Grommet, O-ring
Fluorosilicone rubber
Hardware
300 series stainless steel
Specifications
Current Rating
#20 7.5 AMPS, #8 40 AMPS
Test Voltage
1000 VAC RMS
Insulation Resistance
5000 megohms minimum
Operating Temperature
-65° C. to +200° C.
Ingress Protection
IP 67
Shock
300 g.
Vibration, Random
43.92 g.
Combo HiPer-D float mount connectors for blind mate applications feature size
#20 signal contacts and size #8 power or coax contacts. Size #8 contacts are
ordered separately. The HiPer-D features a rugged machined aluminum shell and
wire grommet for environmental protection. Size #20 contacts are packaged with
connector. Terminate contacts with crimp tools purchased separately. Glass-reinforced
thermoset epoxy insulators, copper alloy retention clips. Fluorosilicone rear grommet
meets IP67 immersion requirement. 1000 VAC, 7.5 Amps (#20), up to 40 Amps with
size #8 power contacts.
Contact Arrangements
Shell Size-
Contact Arr.
Contact Size and Qty
#20
#8
1-2W2
2
1-5W1
4
1
2-3W3
3
2-7W2
5
2
2-11W1
10
1
3-5W5
5
3-9W4
5
4
3-13W3
10
3
3-17W2
15
2
3-21W1
20
1
4-8W8
8
4-13W6
7
6
4-17W5
12
5
4-21WA4
17
4
4-25W3
22
3
4-27W2
25
2
5-24W7
17
7
5-36W4
32
4
5-43W2
41
2
5-47W1
46
1
280-059S float mount combo socket connectors for blind mating, crimp
termination
Mating Hardware
N
No Hardware
#8-32 tapped hole
B
Female Guide Bushings
Non-removable
G
Male Guide Pins
Non-removable


Similar Part No. - 280-059S

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
280-050P GLENAIR-280-050P Datasheet
245Kb / 2P
HiPer-D Combo Connectors
280-051S GLENAIR-280-051S Datasheet
210Kb / 2P
HiPer-D Combo Connectors
280-052P GLENAIR-280-052P Datasheet
250Kb / 2P
HiPer-D Combo Connectors
280-053S GLENAIR-280-053S Datasheet
195Kb / 2P
HiPer-D Combo Connectors
280-054P GLENAIR-280-054P Datasheet
195Kb / 2P
HiPer-D Combo Connectors
More results

Similar Description - 280-059S

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
280-046P GLENAIR-280-046P Datasheet
254Kb / 2P
HiPer-D Combo Connectors
280-047S GLENAIR-280-047S Datasheet
212Kb / 2P
HiPer-D Combo Connectors
280-048P GLENAIR-280-048P Datasheet
346Kb / 2P
HiPer-D Combo Connectors
280-050P GLENAIR-280-050P Datasheet
245Kb / 2P
HiPer-D Combo Connectors
280-051S GLENAIR-280-051S Datasheet
210Kb / 2P
HiPer-D Combo Connectors
280-054P GLENAIR-280-054P Datasheet
195Kb / 2P
HiPer-D Combo Connectors
280-056P GLENAIR-280-056P Datasheet
185Kb / 2P
HiPer-D Combo Connectors
280-058P GLENAIR-280-058P Datasheet
260Kb / 2P
HiPer-D Combo Connectors
280-088P GLENAIR-280-088P Datasheet
330Kb / 2P
HiPer-D Combo Connectors
280-089P GLENAIR-280-089P Datasheet
328Kb / 2P
HiPer-D Combo Connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com