Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

280-059S Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 280-059S
Description  HiPer-D Combo Connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

280-059S Datasheet(HTML) 2 Page - Glenair, Inc.

  280-059S Datasheet HTML 1Page - Glenair, Inc. 280-059S Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
C-33
© 2013 Glenair, Inc • 1211 Air Way, Glendale, CA 91201 • 818-247-6000 • www.glenair.com • U.S. CAGE code 06324
series 28
HiPer-D Combo Connectors
C
.170 (4.32)
.250 (6.35)
.040±.040 (1.02±1.02)
DIAMETRAL FLOAT
CONNECTOR
FLOAT BUSHING
.120 (3.05)
SECTION A-A
C
C
E
D
B
A
G
R .100 (2.54)
GUIDE PIN, GUIDE BUSHING, OR 8-32
UNC 2B .150 (3.81) MIN. DEEP 2PLCS
A
A
4-40 UNC-2B
.150 (3.81) MIN. DEEP
TYP 2 PLCS
.390
(9.91)
.266
(6.76)
.243±.005
(6.17±0.13)
.094 (2.39)
H
OPTIONAL SEALING BOOT SUPPLIED WITH
CONTACT OR ORDERED SEPARATELY
1.110 (28.19)
(REF)
Shell
Size
A
B
C Basic
E
G Basic
H
in
± .015
mm
± 0.38
in
± .015
mm
± 0.38
in.
mm
in
± .005
mm
± 0.13
in
mm
in
± .005
mm
± 0.13
1
1.986 50.44
.494 12.55
.984 24.99
.311
7.90 1.636 41.55 1.213 30.81
2
2.314 58.78
.494 12.55 1.312 33.32
.311
7.90 1.964 49.89 1.541 39.14
3
2.854 72.49
.494 12.55 1.852 47.04
.311
7.90 2.504 63.60 2.081 52.86
4
3.502 88.95
.494 12.55 2.500 63.50
.311
7.90 3.152 80.06 2.729 69.32
5
3.408 86.56
.600 15.24 2.406 61.11
.423 10.74 3.058 77.67 2.635 66.93
280-059S DIMENSIONS
280-059S float mount combo socket connectors for blind mating, crimp
termination
NOTES
1.
See About Series 28 HiPer-D Shell Plating Options for additional shell material and finish options. Glenair offers the industry’s
widest selection of plating options with no minimum order quantities or setup charges.
2.
For panel cutouts, refer to Panel Cutouts and Printed Circuit Board Footprints.
3.
Connectors are supplied with size #20 crimp contacts per M39029. Contacts are not installed. Refer to HiPer-D Contacts and Tools
section for contact part numbers, specifications, crimp tool information, and insertion/extraction tools.
4.
Size 8 contacts are ordered separately. Refer to HiPer-D Contacts and Tools section for contact ordering information, specifications,
crimp tool information, and insertion/extraction tools.
5.
Combo HiPer-D connectors meet the applicable requirements of MIL-DTL-24308 and are intermateable with standard non-
environmental D Subminiature connectors with corresponding contact arrangements and type. Size 8 contacts from other
manufacturers cannot be installed in HiPer-D connectors.
6.
Additional electrical, mechanical and environmental specifications are listed in HiPer-D Product Specification.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com