Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM20133MHX/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM20133MHX/NOPB
Description  3A, PowerWise Synchronous Buck Regulator with Input Synchronization
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM20133MHX/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM20133MHX/NOPB Datasheet HTML 12Page - Texas Instruments LM20133MHX/NOPB Datasheet HTML 13Page - Texas Instruments LM20133MHX/NOPB Datasheet HTML 14Page - Texas Instruments LM20133MHX/NOPB Datasheet HTML 15Page - Texas Instruments LM20133MHX/NOPB Datasheet HTML 16Page - Texas Instruments LM20133MHX/NOPB Datasheet HTML 17Page - Texas Instruments LM20133MHX/NOPB Datasheet HTML 18Page - Texas Instruments LM20133MHX/NOPB Datasheet HTML 19Page - Texas Instruments LM20133MHX/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
RFB1 =
- 1
VOUT
0.8
x RFB2
LM20133, LM20133Q
SNVS526F – OCTOBER 2007 – REVISED MARCH 2013
www.ti.com
As indicated by the RMS ripple current equation, highest requirement for RMS current rating occurs at 50% duty
cycle. For this case, the RMS ripple current rating of the input capacitor should be greater than half the output
current. For best performance, low ESR ceramic capacitors should be placed in parallel with higher capacitance
capacitors to provide the best input filtering for the device.
SETTING THE OUTPUT VOLTAGE (RFB1, RFB2)
The resistors RFB1 and RFB2 are selected to set the output voltage for the device. Table 1 provides suggestions
for RFB1 and RFB2 for common output voltages.
Table 1. Suggested Values for RFB1 and RFB2
RFB1(kΩ)
RFB2(kΩ)
VOUT
short
open
0.8
4.99
10
1.2
8.87
10.2
1.5
12.7
10.2
1.8
21.5
10.2
2.5
31.6
10.2
3.3
If different output voltages are required, RFB2 should be selected to be between 4.99 kΩ to 49.9 kΩ and RFB1 can
be calculated using the equation below.
(7)
LOOP COMPENSATION (RC1, CC1)
The purpose of loop compensation is to meet static and dynamic performance requirements while maintaining
adequate stability. Optimal loop compensation depends on the output capacitor, inductor, load, and the device
itself. Table 2 below gives values for the compensation network that will result in a stable system when using a
100 µF, 6.3V ceramic X5R output capacitor and 1 µH inductor.
Table 2. Recommended Compensation for COUT = 100 µF, L = 1 µH & fSW = 1 MHz
VIN
VOUT
CC1 (nF)
RC1 (kΩ)
5.00
3.30
4.7
16.2
5.00
2.50
4.7
11.3
5.00
1.80
4.7
8.45
5.00
1.50
4.7
5.23
5.00
1.20
4.7
3.32
5.00
0.80
4.7
1.62
3.30
1.80
4.7
9.53
3.30
1.50
4.7
4.87
3.30
1.20
4.7
3.24
3.30
0.80
4.7
1.62
If the desired solution differs from the table above the loop transfer function should be analyzed to optimize the
loop compensation. The overall loop transfer function is the product of the power stage and the feedback network
transfer functions. For stability purposes, the objective is to have a loop gain slope that is -20db/decade from a
very low frequency to beyond the crossover frequency. Figure 32, shown below, shows the transfer functions for
power stage, feedback/compensation network, and the resulting closed loop system for the LM20133.
16
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM20133 LM20133Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com