Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM20133MHX/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM20133MHX/NOPB
Description  3A, PowerWise Synchronous Buck Regulator with Input Synchronization
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM20133MHX/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM20133MHX/NOPB Datasheet HTML 13Page - Texas Instruments LM20133MHX/NOPB Datasheet HTML 14Page - Texas Instruments LM20133MHX/NOPB Datasheet HTML 15Page - Texas Instruments LM20133MHX/NOPB Datasheet HTML 16Page - Texas Instruments LM20133MHX/NOPB Datasheet HTML 17Page - Texas Instruments LM20133MHX/NOPB Datasheet HTML 18Page - Texas Instruments LM20133MHX/NOPB Datasheet HTML 19Page - Texas Instruments LM20133MHX/NOPB Datasheet HTML 20Page - Texas Instruments LM20133MHX/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
RC1 =
x
CC1
COUT
IOUT
VOUT
+
15 x D
VIN
-1
+
1-D
fSW x L
COMP
CC1
RC1
CC2
LM20133
(optional)
AM
fSW/2
0 dB
FREQUENCY (Hz)
Error Amp Zero, fZ(EA)
Complex Double Pole, fP(MOD)
Optional Error Amp
Pole, fP2(EA)
0 dB
0 dB
AEA + AM
AEA
Error Amp Pole, fP1(EA)
Complex Double Pole, fP(MOD)
Output Filter Zero, fZ(FIL)
Output Filter Pole, fP(FIL)
fC
Error Amp Pole, fP(EA)
LM20133, LM20133Q
www.ti.com
SNVS526F – OCTOBER 2007 – REVISED MARCH 2013
Figure 32. LM20133 Loop Compensation
The power stage transfer function is dictated by the modulator, output LC filter, and load; while the feedback
transfer function is set by the feedback resistor ratio, error amp gain, and external compensation network.
To achieve a -20dB/decade slope, the error amplifier zero, located at fZ(EA), should positioned to cancel the
output filter pole (fP(FIL)). An additional error amp pole, located at fP2(EA), can be added to cancel the output filter
zero at fZ(FIL). Cancellation of the output filter zero is recommended if larger value, non-ceramic output capacitors
are used.
Compensation of the LM20133 is achieved by adding an RC network as shown in Figure 33 below.
Figure 33. Compensation Network for LM20133
A good starting value for CC1 for most applictions is 4.7 nF. Once the value of CC1 is chosen the value of RC
should be calculated using the equation below to cancel the output filter pole (fP(FIL)) as shown in Figure 32.
(8)
A higher crossover frequency can be obtained, usually at the expense of phase margin, by lowering the value of
CC1 and recalculating the value of RC1. Likewise, increasing CC1 and recalculating RC1 will provide additional
phase margin at a lower crossover frequency. As with any attempt to compensate the LM20133 the stability of
the system should be verified for desired transient droop and settling time.
If the output filter zero, fZ(FIL) approaches the crossover frequency (FC), an additional capacitor (CC2) should be
placed at the COMP pin to ground. This capacitor adds a pole to cancel the output filter zero assuring the
crossover frequency will occur before the double pole at fSW/2 degrades the phase margin. The output filter zero
is set by the output capacitor value and ESR as shown in the equation below.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM20133 LM20133Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com