Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM20136MH/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM20136MH/NOPB
Description  LM20136 6A, Synchronous Buck Regulator with Input Synchronization
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM20136MH/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM20136MH/NOPB Datasheet HTML 8Page - Texas Instruments LM20136MH/NOPB Datasheet HTML 9Page - Texas Instruments LM20136MH/NOPB Datasheet HTML 10Page - Texas Instruments LM20136MH/NOPB Datasheet HTML 11Page - Texas Instruments LM20136MH/NOPB Datasheet HTML 12Page - Texas Instruments LM20136MH/NOPB Datasheet HTML 13Page - Texas Instruments LM20136MH/NOPB Datasheet HTML 14Page - Texas Instruments LM20136MH/NOPB Datasheet HTML 15Page - Texas Instruments LM20136MH/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
LM20136
SNVS564B – JANUARY 2009 – REVISED APRIL 2013
www.ti.com
Soft-Start and Voltage Tracking
The SS/TRK pin is a dual function pin that can be used to set the start up time or track an external voltage
source. The start up or Soft-Start time can be adjusted by connecting a capacitor from the SS/TRK pin to ground.
The Soft-Start feature allows the regulator output to gradually reach the steady state operating point, thus
reducing stresses on the input supply and controlling start up current. If no Soft-Start capacitor is used the device
defaults to the internal Soft-Start circuitry resulting in a start up time of approximately 1ms. For applications that
require a monotonic start up or utilize the PGOOD pin, an external Soft-Start capacitor is recommended. The
SS/TRK pin can also be set to track an external voltage source. The tracking behavior can be adjusted by two
external resistors connected to the SS/TRK pin as shown in Figure 35 in the design guide.
Pre-Bias Start up Capability
The LM20136 is in a pre-biased state when the device starts up with an output voltage greater than zero. This
often occurs in many multi-rail applications such as when powering an FPGA, ASIC, or DSP. In these
applications the output can be pre-biased through parasitic conduction paths from one supply rail to another.
Even though the LM20136 is a synchronous converter it will not pull the output low when a pre-bias condition
exists. During start up the LM20136 will not sink current until the Soft-Start voltage exceeds the voltage on the
FB pin. Since the device can not sink current it protects the load from damage that might otherwise occur if
current is conducted through the parasitic paths of the load.
Power Good and Over Voltage Fault Handling
The LM20136 has built in under and over voltage comparators that control the power switches. Whenever there
is an excursion in output voltage above the set OVP threshold, the part will terminate the present on-pulse, turn
on the low-side FET, and pull the PGOOD pin low. The low-side FET will remain on until either the FB voltage
falls back into regulation or the zero cross detection is triggered which in turn tri-states the FETs. If the output
reaches the UVP threshold the part will continue switching and the PGOOD pin will be asserted and go low.
Typical values for the PGOOD resistor are on the order of 100 k
Ω or less. To avoid false tripping during transient
glitches the PGOOD pin has 16 µs of built in deglitch time to both rising and falling edges.The powergood
behavior for fault conditions is illustrated in Figure 28
12
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM20136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com